Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3275 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3275
Description  Improving the performance of smartcard interfaces
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3275 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3275 Datasheet HTML 19Page - STMicroelectronics AN3275 Datasheet HTML 20Page - STMicroelectronics AN3275 Datasheet HTML 21Page - STMicroelectronics AN3275 Datasheet HTML 22Page - STMicroelectronics AN3275 Datasheet HTML 23Page - STMicroelectronics AN3275 Datasheet HTML 24Page - STMicroelectronics AN3275 Datasheet HTML 25Page - STMicroelectronics AN3275 Datasheet HTML 26Page - STMicroelectronics AN3275 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
AN3275
ST8024L application hardware guidelines
Doc ID 17962 Rev 1
23/32
4.2
Clock section optimization
Recommendations for the PCB design clock area include:
●
The XTAL should be connected as closely as possible to the XTAL pins to reduce signal
reflections, especially for high frequency applications (see Figure 19).
●
Two compensation capacitors (C9 and C10), each 15 pF (typ) can improve the
oscillator startup performance. Even without these additional capacitors the CLK duty
cycle is guaranteed between 45% and 55% (according to the NDS specifications), with
frequencies up to 26 MHz.
Figure 19.
ST8024L application PCB crystal (XTAL) connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com