Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3299 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3299
Description  A hardware and software guide for the STMPE801
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3299 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3299 Datasheet HTML 1Page - STMicroelectronics AN3299 Datasheet HTML 2Page - STMicroelectronics AN3299 Datasheet HTML 3Page - STMicroelectronics AN3299 Datasheet HTML 4Page - STMicroelectronics AN3299 Datasheet HTML 5Page - STMicroelectronics AN3299 Datasheet HTML 6Page - STMicroelectronics AN3299 Datasheet HTML 7Page - STMicroelectronics AN3299 Datasheet HTML 8Page - STMicroelectronics AN3299 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AN3299
Hardware
Doc ID 18113 Rev 1
5/13
1.1.2
Reset pin recommendation
The following is a few examples of configurations at the reset pin.
If a reset delay is desired (recommended) upon power up, an RC delay can be
connected to the reset as shown below.
Figure 2.
RSTB connectivity recommendation 1
If external reset assertion is required through CPU/baseband, RSTB can be connected
to the GPIO. The diagram below shows the presence of a weak pull-up resistor
assuming CPU/baseband control is open drain. The minimum pulse width of the
external reset signal is 100 µs.
Figure 3.
RSTB connectivity recommendation 2
If reset delay and external reset assertion, as shown in case1 and case2 above, are not
required, it is recommended to short the reset pin to VCC through a low resistor of 0.1
Ω - 100 Ω.
AM08426v1
Reset
VCC
1.65 V – 3.6 V
STMPE801
CPU control
10 k
VCC
CPU control
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com