Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3361 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3361
Description  Schottky diode avalanche performance in automotive applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3361 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3361 Datasheet HTML 7Page - STMicroelectronics AN3361 Datasheet HTML 8Page - STMicroelectronics AN3361 Datasheet HTML 9Page - STMicroelectronics AN3361 Datasheet HTML 10Page - STMicroelectronics AN3361 Datasheet HTML 11Page - STMicroelectronics AN3361 Datasheet HTML 12Page - STMicroelectronics AN3361 Datasheet HTML 13Page - STMicroelectronics AN3361 Datasheet HTML 14Page - STMicroelectronics AN3361 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AN3361
Conclusion
Doc ID 018589 Rev 1
13/15
3
Conclusion
Protecting automotive electronic modules from polarity inversion due to poor battery
handling and load-dump surge during battery disconnection while the alternator is still
charging usually involves the use of diodes, especially Schottky diodes rather than bipolar
ones because of their better performance in direct conduction. The choice must consider
the worst-case surge conditions of ISO 7637-2 which are pulses 1 and 5b.
Usually Schottky diodes with a breakdown voltage of 150 V are preferred for this application.
This article shows that a breakdown voltage of 100 V may be selected to withstand
avalanche mode during the negative pulse 1 test (starting from a 2 A Schottky type). This
results in the saving of power during direct conduction.
Note:
ST parts numbers listed in this application note were given as examples and are not an
exhaustive list. Please contact your sales or marketing representative for more automotive
grade rectifier devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com