Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4111 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4111
Description  The STEVAL-ILL044V1 demonstration board showcases
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4111 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4111 Datasheet HTML 5Page - STMicroelectronics AN4111 Datasheet HTML 6Page - STMicroelectronics AN4111 Datasheet HTML 7Page - STMicroelectronics AN4111 Datasheet HTML 8Page - STMicroelectronics AN4111 Datasheet HTML 9Page - STMicroelectronics AN4111 Datasheet HTML 10Page - STMicroelectronics AN4111 Datasheet HTML 11Page - STMicroelectronics AN4111 Datasheet HTML 12Page - STMicroelectronics AN4111 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
DocID023194 Rev4
9/17
AN4111
Measured performances
Figure 13. Receiver local oscillator leakage (RX_LO)
3.2
Nordic Semiconductor nRF2752 nRFgo module (nRF51xx)
The results presented in this section are based on measurements performed with the
nRF51822 nRFgo module and the BAL-NRF01D3. The BAL-NRF01D3 balun offers high
suppression of 2nd to 4th harmonics and simplifies implementation of nRF51822 as regards
to FCC and ETSI compliance tests.
Figure 14. nRF2752 ST balun reference nRFgo module from Nordic Semiconductor
Mkr1 2.83650 Ghz
-62.55 dBm
Ref -40 dBm
Peak
Log
10
dB/
Atten 5 dB
Span 100 MHz
Sweep 4 ms (401 pts)
Center 2.79 GHz
#Res BW 1 MHz
VBW 1 MHz
M1 S2
S3 FC
AA
BAL-NRF01D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com