Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4315 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4315
Description  BAL-NRF02D3 matched balun with integrated harmonics filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4315 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4315 Datasheet HTML 1Page - STMicroelectronics AN4315 Datasheet HTML 2Page - STMicroelectronics AN4315 Datasheet HTML 3Page - STMicroelectronics AN4315 Datasheet HTML 4Page - STMicroelectronics AN4315 Datasheet HTML 5Page - STMicroelectronics AN4315 Datasheet HTML 6Page - STMicroelectronics AN4315 Datasheet HTML 7Page - STMicroelectronics AN4315 Datasheet HTML 8Page - STMicroelectronics AN4315 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Measured performances
AN4315
4/10
DocID024845 Rev 1
3
Measured performances
3.1
Nordic Semiconductor PCA10018 nRFgo module
(nRF51822-CEAA)
The results presented in this section are based on measurements performed with the
PCA10018 nRFgo module and the BAL-NRF02D3. The BAL-NRF02D3 balun offers high
suppression of 2nd to 4th harmonics and simplifies implementation of nRF51822 WLCSP as
regards FCC and ETSI compliance tests.
Figure 3. Output power carrier in 4dBm mode (not compensated)
Table 1. Main parameter compensated measurements (2402 to 2480 MHz)
Parameter
Values
Parameter
Values
PA_TX_FUND (0 dBm) (low)
0.56
PA_TX_2H (4 dBm)
-49.4
PA_TX_FUND (0 dBm) (mid)
0.85
PA_TX_3H (0 dBm)
-53.8
PA_TX_FUND (0 dBm) (high)
1.28
PA_TX_3H (4 dBm)
-41.7
PA_TX_FUND (4 dBm) (low)
4.18
PA_TX_4H (0 dBm)
-61.8
PA_TX_FUND (4 dBm) (mid)
4.2
PA_TX_4H (4 dBm)
-56.0
PA_TX_FUND (4 dBm) (high)
4.55
LO (0 dBm)
-60.3
PA_TX_2H (0 dBm)
-40.9
Receiver sensitivity [dBm]
-90.1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com