Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4378 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4378
Description  Using the BlueNRG transceiver under FCC title 47 part 15
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4378 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4378 Datasheet HTML 9Page - STMicroelectronics AN4378 Datasheet HTML 10Page - STMicroelectronics AN4378 Datasheet HTML 11Page - STMicroelectronics AN4378 Datasheet HTML 12Page - STMicroelectronics AN4378 Datasheet HTML 13Page - STMicroelectronics AN4378 Datasheet HTML 14Page - STMicroelectronics AN4378 Datasheet HTML 15Page - STMicroelectronics AN4378 Datasheet HTML 16Page - STMicroelectronics AN4378 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
DocID025421 Rev 1
13/19
AN4378
Transmitter parameter
19
Figure 10. Spurious emission in restricted band measurement from 1 GHz to 2.4 GHz
Figure 11. Spurious emission in restricted band measurement from 2.5 GHz to 26 GHz
3.4.3
Unwanted emission in band edge
The measurements of unwanted emissions must be performed at the band edge also.
These measurements can be complicated by the capture of the RF energy from the
fundamental emission within the RBW passband. To perform these measurements the
“Marker-Delta Method” can be used, as described in KDB 913591 [4].
AM17625v1
-70
-60
-50
-40
-30
-20
-10
1.0000E+09
1.2000E+09
1.4000E+09
1.6000E+09
1.8000E+09
2.0000E+09
2.2000E+09
2.4000E+09
Frequency [Hz]
AM17626v1
-70
-60
-50
-40
-30
-20
-10
2.5000E+09
7.5000E+09
1.2500E+10
1.7500E+10
2.2500E+10
Frequency [Hz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com