Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4511 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4511
Description  Common mode filters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4511 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4511 Datasheet HTML 9Page - STMicroelectronics AN4511 Datasheet HTML 10Page - STMicroelectronics AN4511 Datasheet HTML 11Page - STMicroelectronics AN4511 Datasheet HTML 12Page - STMicroelectronics AN4511 Datasheet HTML 13Page - STMicroelectronics AN4511 Datasheet HTML 14Page - STMicroelectronics AN4511 Datasheet HTML 15Page - STMicroelectronics AN4511 Datasheet HTML 16Page - STMicroelectronics AN4511 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
DocID026455 Rev 1
13/21
AN4511
Benefits of the common mode filter
21
5
Benefits of the common mode filter
The improvement given by the common mode filter is shown by two examples:
1.
The skew brought by two different trace lengths
2.
Radiated noise on a USB-MHL cable
Another example is described in AN4356.
5.1
Effect on skew
Figure 15 shows the used simulation schematic. MHL link is built at 2.25 Gbps.
Figure 15. Skew simulation schematic
The common mode noise levels are compared when the two lines have the same length
and when there is a difference of two millimeters, 10% difference. The common mode noise
is not equal to zero (Figure 16).
Figure 16. Common mode noise with and without skew
The spectral content of the common mode signal is shown in Figure 17. This figure shows
the more polluting frequencies. In this case filtering is necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com