Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVO402P Datasheet(PDF) 2 Page - International Rectifier

Part # PVO402P
Description  POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Dual Pole, Normally Open Ring Detector 0-400V, 120mA AC/DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVO402P Datasheet(HTML) 2 Page - International Rectifier

  PVO402P Datasheet HTML 1Page - International Rectifier PVO402P Datasheet HTML 2Page - International Rectifier PVO402P Datasheet HTML 3Page - International Rectifier PVO402P Datasheet HTML 4Page - International Rectifier PVO402P Datasheet HTML 5Page - International Rectifier PVO402P Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
GENERAL CHARACTERISTICS
Limits
Units
Min. Dielectric Strength, Input-Output
3750
VRMS
Min. Dielectric Strength, Relay-Detector
1000
VDC
Min. Insulation Resistance, Input-Output
@TA=+25°C, 50%RH, 100VDC
1012
Ω
Max. Capacitance, Input-Output
3.0
pF
Max. Pin Soldering Temperature (10 seconds max.)
+260
Ambient Temperature Range:
Operating
-40 to +85
°C
Storage
-40 to +100
PVO402P
Electrical Specifications (-40
°C ≤ T
A ≤ +85°C unless otherwise specified)
INPUT CHARACTERISTICS
Limits
Units
Min. Control Current @ IC = 2mA, VCE = 0.5V
6.0
mA
Max. Control Current for Off-State Leakage IC=1µA, VCE=5V @TA=+25°C5
µA
Control Current Range (Caution: current limit input LED, see Fig.6)
6.0 to 25
mA
DETECTOR
INPUT CHARACTERISTICS
Limits
Units
Min. Control Current (See Fig.1)
3.0
mA
Max. Control Current for Off-State Resistance @TA=+25°C
0.4
mA
Control Current Range (Caution: current limit input LED, see Fig.6)
3.0 to 25
mA
Max. Reverse Voltage
7.0
V
RELAY
OUTPUT CHARACTERISTICS
Limits
Units
Operating Voltage Range
0 to ±400
V(DC or AC peak)
Max. Load Current @ TA=+40°C
5mA Control (See Fig.1)
120
mA
Max. On-State Resistance @TA=+25°C
For 50mA Pulsed Load, 5mA Control (See Fig.4)
35
Ω
Max. Off-State Leakage @TA=+25°C, ±400V (See Fig.5)
1.0
µA
Max. Turn-On Time @TA=+25°C (See Fig. 7)
For 50mA, 100 VDC Load, 5mA Control
2.0
ms
Max. Turn-Off Time @TA=+25°C (See Fig. 7)
For 50mA, 100 VDC Load, 5mA Control
0.5
ms
Max. Output Capacitance @ 50VDC
12
pF
OUTPUT CHARACTERISTICS
Limits
Units
Min. Collector-Emitter Breakdown Voltage @IC = 10µA
20
VDC
Min.Current Transfer Ratio @ ILED = 6mA, VCE = 5V (see Fig. 9)
33
%
Max. Saturation Voltage @ ILED = 16mA, IC = 2mA
0.5
V
Max. Leakage Current @ ILED=0mA, VCE = 5V
500
nA
Max. Power Dissipation @TA=+25°C (derate linearly 2.0mW/°C)
150
mW
COMBINED
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com