Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD8835 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # PD8835
Description  7300 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD8835 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button PD8835_15 Datasheet HTML 16Page - Renesas Technology Corp PD8835_15 Datasheet HTML 17Page - Renesas Technology Corp PD8835_15 Datasheet HTML 18Page - Renesas Technology Corp PD8835_15 Datasheet HTML 19Page - Renesas Technology Corp PD8835_15 Datasheet HTML 20Page - Renesas Technology Corp PD8835_15 Datasheet HTML 21Page - Renesas Technology Corp PD8835_15 Datasheet HTML 22Page - Renesas Technology Corp PD8835_15 Datasheet HTML 23Page - Renesas Technology Corp PD8835_15 Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
19
μ PD8835
Data Sheet S20220EJ1V0DS
RECOMMENDED SOLDERING CONDITIONS
When soldering this product, it is highly recommended to observe the conditions as shown below.
If other soldering processes are used, or if the soldering is performed under different conditions, please make sure
to consult with our sales offices.
Type of Through-hole Device
μ PD8835CU-A: CCD linear image sensor 56-pin plastic DIP with heat sink (15.24 mm (600)) 1.778 mm pitch
Process
Conditions
Partial heating method
Pin temperature: 380°C or below, Heat time: 3 seconds or less (per pin).
Cautions 1. During assembly care should be taken to prevent solder or flux from contacting the glass cap.
The optical characteristics could be degraded by such contact.
2. Soldering by the solder flow method may have deleterious effects on prevention of glass cap
soiling and heat resistance. So the method cannot be guaranteed.
NOTES OF HANDLING THE PACKAGES
The application of an excessive load to the package may cause the package to warp or break, or cause chips to
come off internally. Particular care should be taken when mounting the package on the circuit board. You should not
reform the lead frame. We recommend to use a IC-inserter when you assemble to PCB.
For this product, the reference value for the three-point bending strength Note is 280[N]. Avoid imposing a load,
however, on the inside portion as viewed from the face on which the window (glass) is bonded to the package body.
Note Three-point bending strength test
Distance between supports: 70 mm, Support R: R2 mm, Loading rate: 0.5 mm/min.
70 mm
70 mm
Load
Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com