Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD153R Datasheet(PDF) 2 Page - International Rectifier

Part # SD153R
Description  FAST RECOVERY DIODES Stud Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD153R Datasheet(HTML) 2 Page - International Rectifier

  SD153R Datasheet HTML 1Page - International Rectifier SD153R Datasheet HTML 2Page - International Rectifier SD153R Datasheet HTML 3Page - International Rectifier SD153R Datasheet HTML 4Page - International Rectifier SD153R Datasheet HTML 5Page - International Rectifier SD153R Datasheet HTML 6Page - International Rectifier SD153R Datasheet HTML 7Page - International Rectifier SD153R Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
150A
FAST RECOVERY DIODES
Stud Version
SD153N/R SERIES
Bulletin I2063/A
Features
High power FAST recovery diode series
1.0 to 1.5 µs recovery time
High voltage ratings up to 1600V
High current capability
Optimized turn on and turn off characteristics
Low forward recovery
Fast and soft reverse recovery
Compression bonded encapsulation
Stud version JEDEC DO-30
Maximum junction temperature 125°C
Typical Applications
Snubber diode for GTO
High voltage free-wheeling diode
Fast recovery rectifier applications
I
F(AV)
150
A
@ T
C
85
°C
I
F(RMS)
235
A
I
FSM
@ 50Hz
4280
A
@ 60Hz
4480
A
I
2t
@ 50Hz
92
KA
2s
@ 60Hz
84
KA
2s
V
RRM
range
400 to 1600
V
t
rr
range
1.0 to 1.5
µs
@ T
J
25
°C
T
J
- 40 to 125
°C
Parameters
SD153N/R
Units
Major Ratings and Characteristics
case style
DO-205AC (DO-30)
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com