Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S50L Datasheet(PDF) 7 Page - International Rectifier

Part # S50L
Description  FAST RECOVERY DIODES Hockey Puk Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

S50L Datasheet(HTML) 7 Page - International Rectifier

  S50L Datasheet HTML 1Page - International Rectifier S50L Datasheet HTML 2Page - International Rectifier S50L Datasheet HTML 3Page - International Rectifier S50L Datasheet HTML 4Page - International Rectifier S50L Datasheet HTML 5Page - International Rectifier S50L Datasheet HTML 6Page - International Rectifier S50L Datasheet HTML 7Page - International Rectifier S50L Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SD263C..S50L Series
D-673
180°
0.012
0.011
0.008
0.008
T
J
= T
J
max.
120°
0.014
0.015
0.014
0.014
90°
0.018
0.018
0.019
0.019
K/W
60°
0.026
0.027
0.027
0.028
30°
0.045
0.046
0.046
0.046
T
J
Max. junction operating temperature range
-40 to 125
T
stg
Max. storage temperature range
-40 to 150
R
thJ-hs
Max. thermal resistance,
0.11
DC operation single side cooled
junction to heatsink
0.05
DC operation double side cooled
F
Mounting force, ± 10%
9800
N
(1000)
(Kg)
wt
Approximate weight
230
g
Case style
DO-200AB (B-PUK)
See outline table
Parameter
SD263C..S50L
Units
Conditions
Thermal and Mechanical Specifications
°C
Ordering Information Table
1
-
Diode
2
-
Essential part number
3
-
3 = Fast recovery
4
-
C = Ceramic Puk
5
-
Voltage code: Code x 100 = V
RRM
(See Voltage Ratings table)
6
-
t
rr
code
7
-
L = Puk Case DO-200AB (B-PUK)
SD
26
3
C
45 S50
L
1
2
3
4
5
6
7
Device Code
K/W
Conduction angle
Units
Conditions
Single Side Double Side
Single Side Double Side
Sinusoidal conduction
Rectangular conduction
∆R
thJ-hs
Conduction
(The following table shows the increment of thermal resistence R
thJ-hs
when devices operate at different conduction angles than DC)
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com