Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD3000C Datasheet(PDF) 1 Page - International Rectifier

Part # SD3000C
Description  STANDARD RECOVERY DIODES Hockey Puk Version
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD3000C Datasheet(HTML) 1 Page - International Rectifier

  SD3000C Datasheet HTML 1Page - International Rectifier SD3000C Datasheet HTML 2Page - International Rectifier SD3000C Datasheet HTML 3Page - International Rectifier SD3000C Datasheet HTML 4Page - International Rectifier SD3000C Datasheet HTML 5Page - International Rectifier SD3000C Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SD3000C..K SERIES
STANDARD RECOVERY DIODES
Hockey Puk Version
3800A
Bulletin I2090/B
Typical Applications
Converters
Power supplies
High power drives
Auxiliary system supplies for traction applications
Features
Wide current range
High voltage ratings up to 1000V
High surge current capabilities
Diffused junction
Hockey Puk version
Case style DO-200AC (K-PUK)
Major Ratings and Characteristics
I
F(AV)
3800
A
@ T
hs
55
°C
I
F(RMS)
6230
A
@ T
hs
25
°C
I
FSM
@ 50Hz
35800
A
@ 60Hz
37500
A
I
2t
@ 50Hz
6410
KA
2s
@ 60Hz
5850
KA
2s
V
RRM
range
400 to 1000
V
T
J
- 40 to 180
°C
Parameters
SD3000C..K
Units
case style DO-200AC (K-PUK)
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - SD3000C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD3000C04K VISHAY-SD3000C04K Datasheet
122Kb / 6P
Standard Recovery Diodes (Hockey PUK Version), 3800 A
14-May-08
SD3000C04K VISHAY-SD3000C04K Datasheet
135Kb / 7P
Standard Recovery Diodes (Hockey PUK Version), 3800 A
14-May-08
SD3000C04K VISHAY-SD3000C04K_12 Datasheet
135Kb / 7P
Standard Recovery Diodes (Hockey PUK Version), 3800 A
14-May-08
SD3000C08K VISHAY-SD3000C08K Datasheet
122Kb / 6P
Standard Recovery Diodes (Hockey PUK Version), 3800 A
14-May-08
SD3000C08K VISHAY-SD3000C08K Datasheet
135Kb / 7P
Standard Recovery Diodes (Hockey PUK Version), 3800 A
14-May-08
More results

Similar Description - SD3000C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD1100C IRF-SD1100C Datasheet
226Kb / 7P
STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C1111 IRF-SD1100C1111 Datasheet
229Kb / 7P
STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
STANDARD RECOVERY DIODES Hockey Puk Version
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
STANDARD RECOVERY DIODES Hockey Puk Version
SD4000C IRF-SD4000C Datasheet
177Kb / 6P
STANDARD RECOVERY DIODES Hockey Puk Version
SD400C IRF-SD400C Datasheet
182Kb / 7P
STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
STANDARD RECOVERY DIODES Hockey Puk Version
SD800C IRF-SD800C Datasheet
246Kb / 8P
STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com