Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S50L Datasheet(PDF) 2 Page - International Rectifier

Part # S50L
Description  FAST RECOVERY DIODES Hockey Puk Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

S50L Datasheet(HTML) 2 Page - International Rectifier

  S50L Datasheet HTML 1Page - International Rectifier S50L Datasheet HTML 2Page - International Rectifier S50L Datasheet HTML 3Page - International Rectifier S50L Datasheet HTML 4Page - International Rectifier S50L Datasheet HTML 5Page - International Rectifier S50L Datasheet HTML 6Page - International Rectifier S50L Datasheet HTML 7Page - International Rectifier S50L Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
D-679
SD553C..S50L SERIES
FAST RECOVERY DIODES
Hockey Puk Version
560A
Bulletin I2092/B
Features
High power FAST recovery diode series
6.0 µs recovery time
High voltage ratings up to 4500V
High current capability
Optimized turn on and turn off characteristics
Low forward recovery
Fast and soft reverse recovery
Press-puk encapsulation
Case style conform to JEDEC DO-200AB (B-PUK)
Maximum junction temperature 125°C
Typical Applications
Snubber diode for GTO
High voltage free-wheeling diode
Fast recovery rectifier applications
Major Ratings and Characteristics
I
F(AV)
560
A
@ T
hs
55
°C
I
F(RMS)
1120
A
@ T
hs
25
°C
I
FSM
@ 50Hz
12000
A
@ 60Hz
12570
A
I
2t
@ 50Hz
721
KA
2s
@ 60Hz
658
KA
2s
V
RRM
range
3000 to 4500
V
t
rr
6.0
µs
@ T
J
125
°C
T
J
- 40 to 125
°C
Parameters
SD553C..S50L
Units
case style DO-200AB (B-PUK)
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com