Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST103S Datasheet(PDF) 3 Page - International Rectifier

Part # ST103S
Description  INVERTER GRADE THYRISTORS Stud Version
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST103S Datasheet(HTML) 3 Page - International Rectifier

  ST103S Datasheet HTML 1Page - International Rectifier ST103S Datasheet HTML 2Page - International Rectifier ST103S Datasheet HTML 3Page - International Rectifier ST103S Datasheet HTML 4Page - International Rectifier ST103S Datasheet HTML 5Page - International Rectifier ST103S Datasheet HTML 6Page - International Rectifier ST103S Datasheet HTML 7Page - International Rectifier ST103S Datasheet HTML 8Page - International Rectifier ST103S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ST103S Series
D-442
Voltage
V
DRM
/V
RRM
, maximum
V
RSM
, maximum
I
DRM
/I
RRM
max.
Type number
Code
repetitive peak voltage
non-repetitive peak voltage
@ T
J
= T
J
max.
V
V
mA
04
400
500
08
800
900
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Frequency
Units
50Hz
280
180
440
330
4730
3630
400Hz
310
200
470
300
2500
1850
1000Hz
320
200
480
310
1530
1090
A
2500Hz
340
210
490
320
840
580
Recovery voltage Vr
50
50
50
50
50
50
Voltage before turn-on Vd
V
DRM
V
DRM
V
DRM
Rise of on-state current di/dt
50
50
-
-
-
-
A/
µs
Case temperature
60
85
60
85
60
85
°C
Equivalent values for RC circuit
22
Ω / 0.15µF
22
Ω / 0.15µF
22
Ω / 0.15µF
I
TM
180oel
180oel
100
µs
I
TM
I
TM
Current Carrying Capability
V
I
T(AV)
Max. average on-state current
105
A
180° conduction, half sine wave
@ Case temperature
85
°C
I
T(RMS)
Max. RMS on-state current
165
DC @ 76°C case temperature
I
TSM
Max. peak, one half cycle,
3000
t = 10ms
No voltage
non-repetitive surge current
3150
A
t = 8.3ms
reapplied
2530
t = 10ms
100% V
RRM
2650
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
45
t = 10ms
No voltage
Initial T
J
= T
J
max
41
t = 8.3ms
reapplied
32
t = 10ms
100% V
RRM
29
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
450
KA2
√s
t = 0.1 to 10ms, no voltage reapplied
Parameter
ST103S
Units
Conditions
On-state Conduction
KA2s
ST103S
30
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com