Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST183C Datasheet(PDF) 3 Page - International Rectifier

Part # ST183C
Description  INVERTER GRADE THYRISTORS Hockey Puk Version
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST183C Datasheet(HTML) 3 Page - International Rectifier

  ST183C Datasheet HTML 1Page - International Rectifier ST183C Datasheet HTML 2Page - International Rectifier ST183C Datasheet HTML 3Page - International Rectifier ST183C Datasheet HTML 4Page - International Rectifier ST183C Datasheet HTML 5Page - International Rectifier ST183C Datasheet HTML 6Page - International Rectifier ST183C Datasheet HTML 7Page - International Rectifier ST183C Datasheet HTML 8Page - International Rectifier ST183C Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ST183C..C Series
D-522
ST183C..C
40
Voltage
V
DRM
/V
RRM
, maximum
V
RSM
, maximum
I
DRM
/I
RRM
max.
Type number
Code
repetitive peak voltage
non-repetitive peak voltage
@ T
J
= T
J
max.
V
V
mA
04
400
500
08
800
900
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Frequency
Units
50Hz
770
660
1220
1160
5450
4960
400Hz
730
600
1270
1090
2760
2420
1000Hz
600
490
1210
1040
1600
1370
A
2500Hz
350
270
860
730
800
680
Recovery voltage Vr
50
50
50
50
50
50
Voltage before turn-on Vd
V
DRM
V
DRM
V
DRM
Rise of on-state current di/dt
50
50
-
-
-
-
A/
µs
Heatsink temperature
40
55
40
55
40
55
°C
Equivalent values for RC circuit
47
Ω / 0.22µF
47
Ω / 0.22µF
47
Ω / 0.22µF
I
TM
180oel
180oel
100
µs
I
TM
I
TM
Current Carrying Capability
V
I
T(AV)
Max. average on-state current
370 (130)
A
180° conduction, half sine wave
@ Heatsink temperature
55 (85)
°C
double side (single side) cooled
I
T(RMS)
Max. RMS on-state current
690
DC@ 25°C heatsink temperature double side cooled
I
TSM
Max. peak, one half cycle,
4900
t = 10ms
No voltage
non-repetitive surge current
5130
A
t = 8.3ms
reapplied
4120
t = 10ms
100% V
RRM
4310
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
120
t = 10ms
No voltage
Initial T
J
= T
J
max
110
t = 8.3ms
reapplied
85
t = 10ms
100% V
RRM
78
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
1200
KA2
√s
t = 0.1 to 10ms, no voltage reapplied
Parameter
ST183C..C
Units
Conditions
On-state Conduction
KA2s
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com