Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST183S Datasheet(PDF) 9 Page - International Rectifier

Part # ST183S
Description  INVERTER GRADE THYRISTORS Stud Version
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST183S Datasheet(HTML) 9 Page - International Rectifier

Back Button ST183S Datasheet HTML 2Page - International Rectifier ST183S Datasheet HTML 3Page - International Rectifier ST183S Datasheet HTML 4Page - International Rectifier ST183S Datasheet HTML 5Page - International Rectifier ST183S Datasheet HTML 6Page - International Rectifier ST183S Datasheet HTML 7Page - International Rectifier ST183S Datasheet HTML 8Page - International Rectifier ST183S Datasheet HTML 9Page - International Rectifier ST183S Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ST183S Series
D-464
Ordering Information Table
1
- Thyristor
2
- Essential part number
3
- 3 = Fast turn off
4
- S = Compression bonding Stud
5
- Voltage code: Code x 100 = V
RRM
(See Voltage Ratings table)
6
- P = Stud base 3/4" 16UNF-2A
M = Stud base metric threads M16 x 1.5
7
- Reapplied dv/dt code (for t
q
test condition)
8
- t
q
code
9
- 0 = Eyelet terminals (Gate and Aux. Cathode Leads)
1 = Fast-on terminals (Gate and Aux. Cathode Leads)
2 = Flag terminals (For Cathode and Gate Terminals)
- Critical dv/dt:
None = 500V/µsec (Standard value)
L
= 1000V/µsec (Special selection)
T
J
Max. junction operating temperature range
-40 to 125
T
stg
Max. storage temperature range
-40 to 150
R
thJC
Max. thermal resistance, junction to case
0.105
DC operation
R
thCS
Max. thermal resistance, case to heatsink
0.04
Mounting surface, smooth, flat and greased
T
Mounting torque, ± 10%
31
Nm
(275)
(Ibf-in)
24.5
Nm
(210)
(Ibf-in)
wt
Approximate weight
280
g
Case style
TO-209AB (TO-93)
See Outline Table
Parameter
ST183S
Units
Conditions
Thermal and Mechanical Specifications
°C
K/W
Non lubricated threads
5
6
8
9
ST
18
3
S
08
P
F
N
0
3
4
10
7
Device Code
1
2
Lubricated threads
dv/dt - t
q
combinations available
dv/dt (V/µs)
20
50
100
200
400
10
CN
DN
EN
FN *
HN
12
CM
DM
EM
FM
HM
15
CL
DL
EL
FL *
HL
18
CP
DP
EP
FP
HP
20
CK
DK
EK
FK
HK
180°
0.016
0.012
120°
0.019
0.020
90°
0.025
0.027
K/W
T
J = TJ max.
60°
0.036
0.037
30°
0.060
0.060
Conduction angle
Sinusoidal conduction
Rectangular conduction Units
Conditions
∆R
thJC
Conduction
(The following table shows the increment of thermal resistence R
thJC
when devices operate at different conduction angles than DC)
*Standard part number.
All other types available only on request.
t
q
(µs)
10
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com