Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST203C Datasheet(PDF) 3 Page - International Rectifier

Part # ST203C
Description  INVERTER GRADE THYRISTORS Hockey Puk Version
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST203C Datasheet(HTML) 3 Page - International Rectifier

  ST203C Datasheet HTML 1Page - International Rectifier ST203C Datasheet HTML 2Page - International Rectifier ST203C Datasheet HTML 3Page - International Rectifier ST203C Datasheet HTML 4Page - International Rectifier ST203C Datasheet HTML 5Page - International Rectifier ST203C Datasheet HTML 6Page - International Rectifier ST203C Datasheet HTML 7Page - International Rectifier ST203C Datasheet HTML 8Page - International Rectifier ST203C Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ST203C..C Series
Voltage
V
DRM
/V
RRM
, maximum
V
RSM
, maximum
I
DRM
/I
RRM
max.
Type number
Code
repetitive peak voltage
non-repetitive peak voltage
@ T
J
= T
J
max.
V
V
mA
10
1000
1100
12
1200
1300
ST203C..C
40
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Frequency
Units
50Hz
860
750
1340
1160
5620
5020
400Hz
840
706
1400
1220
2940
2590
1000Hz
700
580
1350
1170
1750
1520
A
2500Hz
430
340
980
830
910
780
Recovery voltage Vr
50
50
50
50
50
50
Voltage before turn-on Vd
V
DRM
V
DRM
V
DRM
Rise of on-state current di/dt
50
50
-
-
-
-
A/
µs
Heatsink temperature
40
55
40
55
40
55
°C
Equivalent values for RC circuit
47
Ω / 0.22µF
47
Ω / 0.22µF
47
Ω / 0.22µF
I
TM
180oel
180oel
100
µs
I
TM
I
TM
Current Carrying Capability
V
I
T(AV)
Max. average on-state current
370 (140)
A
180° conduction, half sine wave
@ Heatsink temperature
55 (85)
°C
double side (single side) cooled
I
T(RMS)
Max. RMS on-state current
700
DC @ 25°C heatsink temperature double side cooled
I
TSM
Max. peak, one half cycle,
5260
t = 10ms
No voltage
non-repetitive surge current
5510
A
t = 8.3ms
reapplied
4420
t = 10ms
100% V
RRM
4630
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
138
t = 10ms
No voltage
Initial T
J
= T
J
max
126
t = 8.3ms
reapplied
98
t = 10ms
100% V
RRM
89
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
1380
KA2
√s
t = 0.1 to 10ms, no voltage reapplied
Parameter
ST203C..C
Units
Conditions
On-state Conduction
KA2s
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com