Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST203S Datasheet(PDF) 2 Page - International Rectifier

Part # ST203S
Description  INVERTER GRADE THYRISTORS Stud Version
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST203S Datasheet(HTML) 2 Page - International Rectifier

  ST203S Datasheet HTML 1Page - International Rectifier ST203S Datasheet HTML 2Page - International Rectifier ST203S Datasheet HTML 3Page - International Rectifier ST203S Datasheet HTML 4Page - International Rectifier ST203S Datasheet HTML 5Page - International Rectifier ST203S Datasheet HTML 6Page - International Rectifier ST203S Datasheet HTML 7Page - International Rectifier ST203S Datasheet HTML 8Page - International Rectifier ST203S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ST203S SERIES
INVERTER GRADE THYRISTORS
Stud Version
205A
D-471
Bulletin I25177/B
Features
All diffused design
Center amplifying gate
Guaranteed high dv/dt
Guaranteed high di/dt
High surge current capability
Low thermal impedance
High speed performance
Typical Applications
Inverters
Choppers
Induction heating
All types of force-commutated converters
I
T(AV)
205
A
@ T
C
85
°C
I
T(RMS)
320
A
I
TSM
@ 50Hz
5260
A
@ 60Hz
5510
A
I
2t
@ 50Hz
138
KA
2s
@ 60Hz
126
KA
2s
V
DRM
/V
RRM
1000 to 1200
V
t
q
range
20 to 30
µs
T
J
- 40 to 125
°C
Parameters
ST203S
Units
Major Ratings and Characteristics
case style
TO-209AB (TO-93)
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com