Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST223C Datasheet(PDF) 3 Page - International Rectifier

Part # ST223C
Description  INVERTER GRADE THYRISTORS Hockey Puk Version
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST223C Datasheet(HTML) 3 Page - International Rectifier

  ST223C Datasheet HTML 1Page - International Rectifier ST223C Datasheet HTML 2Page - International Rectifier ST223C Datasheet HTML 3Page - International Rectifier ST223C Datasheet HTML 4Page - International Rectifier ST223C Datasheet HTML 5Page - International Rectifier ST223C Datasheet HTML 6Page - International Rectifier ST223C Datasheet HTML 7Page - International Rectifier ST223C Datasheet HTML 8Page - International Rectifier ST223C Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ST223C..C Series
Voltage
V
DRM
/V
RRM
, maximum
V
RSM
, maximum
I
DRM
/I
RRM
max.
Type number
Code
repetitive peak voltage
non-repetitive peak voltage
@ T
J
= T
J
max.
V
V
mA
04
400
500
08
800
900
ELECTRICAL SPECIFICATIONS
Voltage Ratings
ST223C..C
40
Frequency
Units
50Hz
930
800
1430
1220
5870
5240
400Hz
910
770
1490
1300
3120
2740
1000Hz
780
650
1430
1260
1880
1640
A
2500Hz
490
400
1070
920
1000
860
Recovery voltage Vr
50
50
50
50
50
50
Voltage before turn-on Vd
V
DRM
V
DRM
V
DRM
Rise of on-state current di/dt
50
50
-
-
-
-
A/
µs
Heatsink temperature
40
55
40
55
40
55
°C
Equivalent values for RC circuit
47
Ω / 0.22µF
47
Ω / 0.22µF
47
Ω / 0.22µF
I
TM
180oel
180oel
100
µs
I
TM
I
TM
Current Carrying Capability
V
I
T(AV)
Max. average on-state current
390 (150)
A
180° conduction, half sine wave
@ Heatsink temperature
55 (85)
°C
double side (single side) cooled
I
T(RMS)
Max. RMS on-state current
745
DC @ 25°C heatsink temperature double side cooled
I
TSM
Max. peak, one half cycle,
5850
t = 10ms
No voltage
non-repetitive surge current
6130
A
t = 8.3ms
reapplied
4920
t = 10ms
100% V
RRM
5150
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
171
t = 10ms
No voltage
Initial T
J
= T
J
max
156
t = 8.3ms
reapplied
121
t = 10ms
100% V
RRM
110
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
1710
KA2
√s
t = 0.1 to 10ms, no voltage reapplied
Parameter
ST223C..C
Units
Conditions
On-state Conduction
KA2s
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com