Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST223S Datasheet(PDF) 2 Page - International Rectifier

Part # ST223S
Description  INVERTER GRADE THYRISTORS Stud Version
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST223S Datasheet(HTML) 2 Page - International Rectifier

  ST223S Datasheet HTML 1Page - International Rectifier ST223S Datasheet HTML 2Page - International Rectifier ST223S Datasheet HTML 3Page - International Rectifier ST223S Datasheet HTML 4Page - International Rectifier ST223S Datasheet HTML 5Page - International Rectifier ST223S Datasheet HTML 6Page - International Rectifier ST223S Datasheet HTML 7Page - International Rectifier ST223S Datasheet HTML 8Page - International Rectifier ST223S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ST223S SERIES
INVERTER GRADE THYRISTORS
Stud Version
220A
D-481
Bulletin I25175/B
Features
All diffused design
Center amplifying gate
Guaranteed high dv/dt
Guaranteed high di/dt
High surge current capability
Low thermal impedance
High speed performance
Typical Applications
Inverters
Choppers
Induction heating
All types of force-commutated converters
I
T(AV)
220
A
@ T
C
85
°C
I
T(RMS)
345
A
I
TSM
@ 50Hz
5850
A
@ 60Hz
6120
A
I
2t
@ 50Hz
171
KA
2s
@ 60Hz
156
KA
2s
V
DRM
/V
RRM
400 to 800
V
t
q
range
10 to 20
µs
T
J
- 40 to 125
°C
Parameters
ST223S
Units
Major Ratings and Characteristics
case style
TO-209AB (TO-93)
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com