Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR050010 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # UR050010
Description  Universal Reversible USB 2.0 Hi-Speed Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

UR050010 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  UR050010 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved UR050010 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Universal Reversible USB 2.0 Hi-Speed Cable
(Reversible A-M to 5Pin Micro B-M), 10-ft.
MODEL NUMBER: UR050-010
Description
Tripp Lite UR050-010, 10ft USB 2.0 A to Micro-B cable, features a Universal / Reversible "A" connector, which takes the guesswork out of which way to
position the "A" connector for plugging. Micro-USB is the next generation of USB connector that will be found on Cell Phones, PDA's, USB On-the-Go ( OTG )
devices, Digital Cameras, and more. Smaller and more durable ( 10,000 insertion cycles ) than the existing mini-B connectors, the Micro-USB will also handle
Power transfers, as well as Data. The USB Implementers Forum ( USB-IF ) has designed the Micro-USB to eliminate many of the proprietary Mini connectors
found on different manufacturers digital devices, and it will be the standard USB connection on phones from the major cell phone manufacturers. USB 2.0 rated
cable handles 480Mbps data transfer rates.
Features
USB Universal / Reversible A Male to Micro-B Male
Available in 3ft,6ft, and 10ft lengths
480Mbps USB 2.0 Data Transfer Rates
Data and Power transference
Specifications
OVERVIEW
Cable Type
USB
OUTPUT
USB Charging
No
INPUT
Cable Length (ft.)
10
Highlights
Next Generation USB Digital
Device Connector
Provides both Data and Power
transfers
USB 2.0 480Mbps Transfer rates
Universal / Reversible "A" Male
to Micro-B Male
System Requirements
Digital devices that use the USB
Micro-B Female socket
Package Includes
10-ft. USB2.0 Universal /
Reversible A to Micro-USB B
Device Cable (A Male to Micro-B
Male)
1 / 2


Similar Part No. - UR050010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
UR050001 TRIPPLITE-UR050001 Datasheet
499Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to 5Pin Micro B M-M), 1-ft
UR050001DNB TRIPPLITE-UR050001DNB Datasheet
484Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to Down-Angle 5Pin Micro B M-M), 1-ft
UR050001LAB TRIPPLITE-UR050001LAB Datasheet
482Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to Left-angle 5Pin Micro B M-M), 1-ft
UR050001RAB TRIPPLITE-UR050001RAB Datasheet
490Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to Right-angle 5Pin Micro B M-M), 1-ft
UR050001UPB TRIPPLITE-UR050001UPB Datasheet
482Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to Up-Angle 5Pin Micro B M-M), 1-ft
More results

Similar Description - UR050010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
UR020-003-RA TRIPPLITE-UR020-003-RA Datasheet
511Kb / 3P
Universal Reversible USB 2.0 Hi-Speed Cable
UR020-006 TRIPPLITE-UR020-006 Datasheet
517Kb / 3P
Universal Reversible USB 2.0 Hi-Speed Cable
UR020-010 TRIPPLITE-UR020-010 Datasheet
516Kb / 3P
Universal Reversible USB 2.0 Hi-Speed Cable
UR022-003 TRIPPLITE-UR022-003 Datasheet
498Kb / 3P
Universal Reversible USB 2.0 Hi-Speed Cable
UR022-010 TRIPPLITE-UR022-010 Datasheet
507Kb / 3P
Universal Reversible USB 2.0 Hi-Speed Cable
UR030-006-RA TRIPPLITE-UR030-006-RA Datasheet
489Kb / 3P
Universal Reversible USB 2.0 Hi-Speed Cable
UR050-010 TRIPPLITE-UR050-010 Datasheet
499Kb / 3P
Universal Reversible USB 2.0 Hi-Speed Cable
UR020003RA TRIPPLITE-UR020003RA Datasheet
510Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Cable
UR050003RAB TRIPPLITE-UR050003RAB Datasheet
490Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Cable
UR050006UPB TRIPPLITE-UR050006UPB Datasheet
481Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com