Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN235 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN235
Description  Stepper motor driving
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN235 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN235 Datasheet HTML 9Page - STMicroelectronics AN235 Datasheet HTML 10Page - STMicroelectronics AN235 Datasheet HTML 11Page - STMicroelectronics AN235 Datasheet HTML 12Page - STMicroelectronics AN235 Datasheet HTML 13Page - STMicroelectronics AN235 Datasheet HTML 14Page - STMicroelectronics AN235 Datasheet HTML 15Page - STMicroelectronics AN235 Datasheet HTML 16Page - STMicroelectronics AN235 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
AN235
Motor drive topologies
Doc ID 1679 Rev 2
13/23
Figure 11.
Current waveforms for L/R, L/nR and switch mode drive
Figure 11 compares the current rise time for the three drive topologies. The comparison is
done for a 5 V, 1 A motor. The L/R drive uses the motor's rated voltage, the L/nR uses five
times the motor rated voltage and an external resistor equal to four times the winding
resistance and the switch mode drive uses a supply voltage five times the motor rated
voltage with the peak current set equal to the motor rated voltage divided by the winding
resistance (1 A). In each case the final current reaches 1 A but the figure clearly shows the
faster rise time of the higher voltage drives. This faster rise significantly improves the torque
at higher step rates.
Another drive topology that may be used is a bilevel drive, where a higher voltage is applied
during the transition and then the supply voltage is dropped back down to the lower voltage
to maintain the current. The circuit shown in Figure 11 applies a high voltage, without the
additional limit resistor, during the time set by the monostable for each transition. When the
monostable times out, the switch is opened and the voltage is reduced to the lower voltage
that is just enough to maintain the current.
Time
Current
010
20
3040
5060
70
8090 100
0
0.5
1
5Vx
5Vx
Vx
L/R drive
L/5R drive
Chopping drive
Supply voltage
AM16509v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com