Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN495 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN495
Description  Effective filtering of TDE1707
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN495 Datasheet(HTML) 1 Page - STMicroelectronics

  AN495 Datasheet HTML 1Page - STMicroelectronics AN495 Datasheet HTML 2Page - STMicroelectronics AN495 Datasheet HTML 3Page - STMicroelectronics AN495 Datasheet HTML 4Page - STMicroelectronics AN495 Datasheet HTML 5Page - STMicroelectronics AN495 Datasheet HTML 6Page - STMicroelectronics AN495 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
December 2013
DocID1745 Rev 4
1/7
AN495
Application note
Effective filtering of TDE1707
Introduction
The TDE1707 is an industrial IPS (intelligent power switch) dedicated for use in proximity
detectors. It can deliver up to 0.5 A of current to a “configurable” load (battery or ground
configuration), as indicated in the block diagram below.
Figure 1. Block diagram
5 V
2.6V
4V
5V
THERMAL
SHUTDOWN
70V
ISC
CMP
6
5
3
7
1
8
2
4
VREG
+5V
IN
DELAY
4uA
+Vs
LED
DRIVER
L.S. OUT
H.S. OUT
GND
Ri
1Mohm
3mA LED
DRIVER
www.st.com


Similar Part No. - AN495

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN495 SILABS-AN495 Datasheet
113Kb / 22P
INTERFACE SPECIFICATION
More results

Similar Description - AN495

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PF1015UDF12B KEC-PF1015UDF12B Datasheet
36Kb / 2P
ESD/EMI Filtering
PV1015UDF12B KEC-PV1015UDF12B Datasheet
38Kb / 2P
ESD/EMI Filtering
PF0165UDF8 KEC-PF0165UDF8 Datasheet
436Kb / 1P
EMI Filtering TVS
PF0224US6 KEC-PF0224US6 Datasheet
50Kb / 2P
EMI Filtering TVS
PF0380UDF8 KEC-PF0380UDF8 Datasheet
435Kb / 1P
EMI Filtering TVS
PF0633UDF8 KEC-PF0633UDF8 Datasheet
436Kb / 1P
EMI Filtering TVS
PF1015UDF12 KEC-PF1015UDF12 Datasheet
38Kb / 2P
ESD/EMI Filtering
logo
AVX Corporation
W2F4 AVX-W2F4 Datasheet
212Kb / 10P
Feedthru Filters, EMI Filtering, Broadband Filtering, LCD Filtering
W3F45C2218AT1A AVX-W3F45C2218AT1A Datasheet
273Kb / 10P
EMI Filtering, Broadband Filtering, LCD Filtering
logo
API Technologies Corp
54-786-003 APITECH-54-786-003 Datasheet
339Kb / 4P
Small size to allow effective use of space
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com