Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN880 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN880
Description  A NEW HIGH VOLTAGE IC DRIVER FOR ELECTRONIC LAMP BALLAST
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN880 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN880 Datasheet HTML 6Page - STMicroelectronics AN880 Datasheet HTML 7Page - STMicroelectronics AN880 Datasheet HTML 8Page - STMicroelectronics AN880 Datasheet HTML 9Page - STMicroelectronics AN880 Datasheet HTML 10Page - STMicroelectronics AN880 Datasheet HTML 11Page - STMicroelectronics AN880 Datasheet HTML 12Page - STMicroelectronics AN880 Datasheet HTML 13Page - STMicroelectronics AN880 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
APPENDIX B: Rating of the capacitive supply
with the L6569 driver
The supply is made with the snubber and a start
up resistor RS.
A snubber circuit is used to minimize the MOS-
FETs dissipation. It also achieves a non dissipa-
tive supply as shown on figure 10.
The MOSFETs gate charge, the driver consump-
tion, the oscillator, and the shunt regulator, define
the circuit consumption.
We can estimate this
current is IS AV:
ISAV > 2
⋅ IG + IQS + IOSC + IREG =
= 2
⋅ QG ⋅ fsw + IQS +
VS
RF
⋅ 2
+ IREG
Where QG the MOSFET gate charge
IQS the driver supply current
VS the supply voltage
RF the oscillator resistor and VS the driver
supply voltage
IREG the shunt regulator current.
When VS is lower than the UVLO threshold UUVLO, the
driver is only consuming. Its current must be mini-
mal to reduce the dissipation of the resistor RS.
The L6569 has a 150
µA start up current, and the
maximum resistance is 2M
Ω for a 230Vac line ap-
plication.
We can also reduce the resistor value to get a
faster start up time TS.
TS
=
RS
⋅ CS ⋅ UUVLO
VDC
Where CS is the supply capacitor, and VDC the
line voltage.
When the timer oscillates, the capacitor C sup-
plies the lamp current during the lower MOS turn
off. To avoid any cross conduction its capacitance
is limited by the driver dead time TD (see figure
26). Hence the capacitive supply current IC is also
limited.
C
<
TD
⋅ IL
VDC
ICAV = C
⋅ VDC ⋅ FSW < IL ⋅ TD ⋅ FSW
Where IL is the peak lamp current, and FSW the
switching frequency.
For a ballast such as a CFL one this circuit sup-
plies easily the required current. For instance with
a CF18DT lamp ( IL > 230 mA) the capacitor is
1nF on 120Vac line, 470 pF on 230 Vac line. At
50 kHz the average capacitive current is 6 mA in
both cases.
TD
VHVG + VOUT
GND
GND
GND
RF
IC
200 ns/dv ; 50 V/dv ; 0.1 A/dv
Figure 26: Cross conduction of the snubber
capacitor with the upper MOSFET:
capacitor current and voltage
waveforms.
AN880 APPLICATION NOTE
13/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com