Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN966 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN966
Description  The front-end stage of conventional off-line converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN966 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN966 Datasheet HTML 9Page - STMicroelectronics AN966 Datasheet HTML 10Page - STMicroelectronics AN966 Datasheet HTML 11Page - STMicroelectronics AN966 Datasheet HTML 12Page - STMicroelectronics AN966 Datasheet HTML 13Page - STMicroelectronics AN966 Datasheet HTML 14Page - STMicroelectronics AN966 Datasheet HTML 15Page - STMicroelectronics AN966 Datasheet HTML 16Page - STMicroelectronics AN966 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Pin 3 (MULT) is the second multiplier input. It will
be connected, through a resistive divider, to the rec-
tified mains to get a sinusoidal voltage reference.
The multiplier can be described by the relationship:
Vcs
= k ⋅ ( VCOMP − 2.5V ) ⋅ V MULT
where VCS (Multiplier output) is the reference for the
current sense, k is the multiplier gain, VCOMP is the
voltage on pin 2 (E/A output) and VMULT is the volt-
age on pin 3.
A complete description is given by the diagram of
fig. 11, which shows the typical multiplier charac-
teristics family. The linear operation of the multiplier
is guaranteed inside the range 0 to 3V of VMULT and
the range 0 to 1.6V of VCS, while the minimum
guaranteed value of the maximum slope of the
characteristics family (
∆VCS/∆VMULT) is 1.65. Taking
this into account, the following is the suggested pro-
cedure to set properly the operating point of the
multiplier.
First, the maximum peak value for VMULT, VMULTpkx, is selected. This value, which will occur at maximum
mains voltage, should be 3V or nearly so in wide range mains and less in case of single mains. The
minimum peak value, occurring at minimum mains voltage will be:
VMULTpkmin
= VMULTpkx ⋅
Virms(min)
Virms(max)
This value, multiplied by the minimum guaranteed
∆VCS
∆VMULT
will give the maximum peak output voltage of
the multiplier:
VXCSpk
= 1.65 ⋅ VMULTpkmin
If the resulting VXCSpk exceeds the linearity limit of the current sense (1.6V), the calculation should be re-
peated beginning with a lower VMULTpkx value.
In this way, the divider will be such that:
R3
R1
+ R2 + R3
=
VMULTpkx
√2 ⋅ Virms(max)
the individual values can be chosen by setting the current through R3, in the hundreds
µA or less to min-
imise power dissipation.
Pin 4 (CS) is the inverting input of the current sense comparator. Through this pin, the L6561 reads the in-
stantaneous inductor current, converted to a proportional voltage by an external sense resistor (Rs). As this
signal crosses the threshold set by the multiplier output, the PWM latch is reset and the power MOSFET is
turned off. The MOSFET will stay in OFF-state until the PWM latch is set again by the ZCD signal. An inter-
nal circuit ensures that the PWM latch cannot be set until the signal on pin 4 has disappeared.
The sense resistor value is calculated as follows:
RS
≤
VXCSpk
IRspk
where VXCSpk has been calculated as per described earlier and:
IRspk = 2
√2 ⋅ Irms,
VMULT(pin3) (V)
D97IN555A
2.6
3.0
3.2
3.5
5.0
VCOMP(pin2)
(V)
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VCS(pin4)
(V)
4.0
2.8
upper voltage
clamp
Figure 11. Multiplier characteristics family
AN966 APPLICATION NOTE
13/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com