Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1299 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN1299
Description  L638xE tricks and tips
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1299 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN1299 Datasheet HTML 17Page - STMicroelectronics AN1299 Datasheet HTML 18Page - STMicroelectronics AN1299 Datasheet HTML 19Page - STMicroelectronics AN1299 Datasheet HTML 20Page - STMicroelectronics AN1299 Datasheet HTML 21Page - STMicroelectronics AN1299 Datasheet HTML 22Page - STMicroelectronics AN1299 Datasheet HTML 23Page - STMicroelectronics AN1299 Datasheet HTML 24Page - STMicroelectronics AN1299 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
AN1299
To manage below-ground voltage on the OUT pin
21/30
The goal is to reduce the trace parasitic inductance as much as possible, but also to take
into account the amount of the total freewheeling diode recovered charge and the diode
softness factor.
4.2.3
Tricks and layout suggestions
Layout suggestions:
The driver can easily deal with an undershoot spike in the order of -18 V (measured
between the IC OUT pin and its signal ground) for a duration that must not be longer than
100 ns. The guidelines to follow in order to avoid large undershoot spike are:
●
Remember that the total amount of inductance and resistance exhibited is directly
proportional to the trace's length and inversely proportional to its width.
●
Put both power switches of each half-bridge as close as possible in order to make
traces as short and wide as possible between the low-side drain and the high-side
source (this solution is aimed to minimize the stray inductance ParD1 and ParS2 shown
in Figure 22).
●
Pay attention to the traces between the low-side source, the sense resistor, and the
power ground reference, making them shorter and wider (to reduce ParS1, Figure 22).
Remember that all load current flows in this path.
Figure 22.
Path to be optimized
●
Use "inductance free" sense resistors
●
Shorten the power switch lead length
Tricks
●
If we are not able to reduce the below-ground spikes acting only on the layout, a
resistor in series to the OUT pin (as indicated in Figure 23) is a good trick that improves
the device immunity. The resistor is not additional, the part count does not change, but
it is the high side turn-off resistor that is moved on the OUT pin. In this way we can deal
with undershoot spikes exceeding -18 V.
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com