Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1513 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN1513
Description  In a growing consumer market
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1513 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN1513 Datasheet HTML 5Page - STMicroelectronics AN1513 Datasheet HTML 6Page - STMicroelectronics AN1513 Datasheet HTML 7Page - STMicroelectronics AN1513 Datasheet HTML 8Page - STMicroelectronics AN1513 Datasheet HTML 9Page - STMicroelectronics AN1513 Datasheet HTML 10Page - STMicroelectronics AN1513 Datasheet HTML 11Page - STMicroelectronics AN1513 Datasheet HTML 12Page - STMicroelectronics AN1513 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AN1513
Thermal test
11/13
7
Thermal test
For system reliability it is important to keep device temperature at a safe level, considering
the maximum ambient temperature especially when the board is inside a chassis. In Table 6
shows the temperatures measured on the SMPS after 4 hours of warm-up at full load at
nominal input voltage 230Vac: the results are compatible with robust design rules.
Figure 9.
Transformer cross section
Table 6.
Thermal measurements
Measure point
Temperature (°C)
Ambient
25
VIPer50A-E
47
STPS8H100F
53
STPS745
58
1.5KE220A
84
STTA106
55
DFO6M
52
T1 Ferrite
53
Table 7.
Transformer specification and construction
Parameter
Value
Primary inductance
670 µH ±8%
58 TURNS
Winding output1
4 TURNS
Winding output2
6 TURNS
Auxiliary winding
6 TURNS
Primary leakage inductance
12 µH
1.8% of Lp
Core
EPCOS ETD29-N67
Code
B66358-G500-X67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com