Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST333S Datasheet(PDF) 3 Page - International Rectifier

Part # ST333S
Description  INVERTER GRADE THYRISTORS Stud Version
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST333S Datasheet(HTML) 3 Page - International Rectifier

  ST333S Datasheet HTML 1Page - International Rectifier ST333S Datasheet HTML 2Page - International Rectifier ST333S Datasheet HTML 3Page - International Rectifier ST333S Datasheet HTML 4Page - International Rectifier ST333S Datasheet HTML 5Page - International Rectifier ST333S Datasheet HTML 6Page - International Rectifier ST333S Datasheet HTML 7Page - International Rectifier ST333S Datasheet HTML 8Page - International Rectifier ST333S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ST333S Series
D-502
Voltage
V
DRM
/V
RRM
, maximum
V
RSM
, maximum
I
DRM
/I
RRM
max.
Type number
Code
repetitive peak voltage
non-repetitive peak voltage
@ T
J
= T
J
max.
V
V
mA
04
400
500
08
800
900
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Frequency
Units
50Hz
840
600
1280
1040
5430
4350
400Hz
650
450
1280
910
2150
1560
1000Hz
430
230
1090
730
1080
720
A
2500Hz
140
60
490
250
400
190
Recovery voltage Vr
50
50
50
50
50
50
Voltage before turn-on Vd
V
DRM
V
DRM
V
DRM
Rise of on-state current di/dt
50
50
-
-
-
-
A/
µs
Case temperature
50
75
50
75
50
75
°C
Equivalent values for RC circuit
10
Ω / 0.47µF
10
Ω / 0.47µF
10
Ω / 0.47µF
I
TM
180oel
180oel
100
µs
I
TM
I
TM
Current Carrying Capability
V
I
T(AV)
Max. average on-state current
330
A
180° conduction, half sine wave
@ Case temperature
75
°C
I
T(RMS)
Max. RMS on-state current
518
DC @ 63°C case temperature
I
TSM
Max. peak, one half cycle,
11000
t = 10ms
No voltage
non-repetitive surge current
11520
A
t = 8.3ms
reapplied
9250
t = 10ms
100% V
RRM
9700
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
605
t = 10ms
No voltage
Initial T
J
= T
J
max
550
t = 8.3ms
reapplied
430
t = 10ms
100% V
RRM
390
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
6050
KA2
√s
t = 0.1 to 10ms, no voltage reapplied
Parameter
ST333S
Units
Conditions
On-state Conduction
KA2s
ST333S
50
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com