Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST380C Datasheet(PDF) 2 Page - International Rectifier

Part # ST380C
Description  PHASE CONTROL THYRISTORS Hockey Puk Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST380C Datasheet(HTML) 2 Page - International Rectifier

  ST380C Datasheet HTML 1Page - International Rectifier ST380C Datasheet HTML 2Page - International Rectifier ST380C Datasheet HTML 3Page - International Rectifier ST380C Datasheet HTML 4Page - International Rectifier ST380C Datasheet HTML 5Page - International Rectifier ST380C Datasheet HTML 6Page - International Rectifier ST380C Datasheet HTML 7Page - International Rectifier ST380C Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
960A
PHASE CONTROL THYRISTORS
Hockey Puk Version
ST380C..C SERIES
D-367
Bulletin I25168/B
I
T(AV)
960
A
@ T
hs
55
°C
I
T(RMS)
1900
A
@ T
hs
25
°C
I
TSM
@ 50Hz
15000
A
@ 60Hz
15700
A
I
2t
@ 50Hz
1130
KA
2s
@ 60Hz
1030
KA
2s
V
DRM
/V
RRM
400 to 600
V
t
q
typical
100
µs
T
J
- 40 to 125
°C
Parameters
ST380C..C
Units
Major Ratings and Characteristics
Typical Applications
DC motor controls
Controlled DC power supplies
AC controllers
Features
Center amplifying gate
Metal case with ceramic insulator
International standard case TO-200AB (E-PUK)
Low profile hockey-puk to increase current-carrying capability
case style TO-200AB (E-PUK)
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com