Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST730C Datasheet(PDF) 2 Page - International Rectifier

Part # ST730C
Description  PHASE CONTROL THYRISTORS Hockey Puk Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST730C Datasheet(HTML) 2 Page - International Rectifier

  ST730C Datasheet HTML 1Page - International Rectifier ST730C Datasheet HTML 2Page - International Rectifier ST730C Datasheet HTML 3Page - International Rectifier ST730C Datasheet HTML 4Page - International Rectifier ST730C Datasheet HTML 5Page - International Rectifier ST730C Datasheet HTML 6Page - International Rectifier ST730C Datasheet HTML 7Page - International Rectifier ST730C Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
990A
PHASE CONTROL THYRISTORS
Hockey Puk Version
ST730C..L SERIES
D-335
Bulletin I25191/B
Features
Center amplifying gate
Metal case with ceramic insulator
International standard case TO-200AC (B-PUK)
Typical Applications
DC motor controls
Controlled DC power supplies
AC controllers
I
T(AV)
990
A
@ T
hs
55
°C
I
T(RMS)
2000
A
@ T
hs
25
°C
I
TSM
@ 50Hz
17800
A
@ 60Hz
18700
A
I
2t
@ 50Hz
1591
KA
2s
@ 60Hz
1452
KA
2s
V
DRM
/V
RRM
800 to 1800
V
t
q
typical
150
µs
T
J
- 40 to 125
°C
Parameters
ST730C..L
Units
Major Ratings and Characteristics
case style TO-200AC (B-PUK)
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com