Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST700C12L2 Datasheet(PDF) 1 Page - International Rectifier

Part # ST700C12L2
Description  PHASE CONTROL THYRISTORS Hockey Puk Version
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST700C12L2 Datasheet(HTML) 1 Page - International Rectifier

  ST700C12L2 Datasheet HTML 1Page - International Rectifier ST700C12L2 Datasheet HTML 2Page - International Rectifier ST700C12L2 Datasheet HTML 3Page - International Rectifier ST700C12L2 Datasheet HTML 4Page - International Rectifier ST700C12L2 Datasheet HTML 5Page - International Rectifier ST700C12L2 Datasheet HTML 6Page - International Rectifier ST700C12L2 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
910A
PHASE CONTROL THYRISTORS
Hockey Puk Version
ST700C..L SERIES
1
Bulletin I25190 rev. D 04/00
www.irf.com
Features
Center amplifying gate
Metal case with ceramic insulator
International standard case TO-200AC (B-PUK)
Typical Applications
DC motor control
Controlled DC power supplies
AC controllers
I
T(AV)
910
A
@ T
hs
55
°C
I
T(RMS)
1857
A
@ T
hs
25
°C
I
TSM
@50Hz
15700
A
@ 60Hz
16400
A
I2t@50Hz
1232
KA2s
@ 60Hz
1125
KA2s
V
DRM
/V
RRM
1200 to 2000
V
t
q
typical
150
µs
T
J
- 40 to 125
°C
Parameters
ST700C..L
Units
Major Ratings and Characteristics
case style TO-200AC (B-PUK)


Similar Part No. - ST700C12L2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST700C..L VISHAY-ST700C..L Datasheet
169Kb / 8P
Phase Control Thyristors (Hockey PUK Version), 910 A
11-Aug-08
ST700C20L0LPBF VISHAY-ST700C20L0LPBF Datasheet
151Kb / 7P
Phase Control Thyristors (Hockey PUK Version), 910 A
11-Aug-08
ST700C20L0PBF VISHAY-ST700C20L0PBF Datasheet
151Kb / 7P
Phase Control Thyristors (Hockey PUK Version), 910 A
11-Aug-08
ST700C20L1LPBF VISHAY-ST700C20L1LPBF Datasheet
151Kb / 7P
Phase Control Thyristors (Hockey PUK Version), 910 A
11-Aug-08
ST700C20L1PBF VISHAY-ST700C20L1PBF Datasheet
151Kb / 7P
Phase Control Thyristors (Hockey PUK Version), 910 A
11-Aug-08
More results

Similar Description - ST700C12L2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST1200C IRF-ST1200C Datasheet
186Kb / 7P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST180C IRF-ST180C Datasheet
196Kb / 7P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST2100C IRF-ST2100C Datasheet
168Kb / 6P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C IRF-ST300C Datasheet
207Kb / 8P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C111 IRF-ST300C111 Datasheet
206Kb / 8P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C IRF-ST330C Datasheet
208Kb / 8P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C11111 IRF-ST330C11111 Datasheet
207Kb / 8P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST380CH IRF-ST380CH Datasheet
206Kb / 8P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST780C IRF-ST780C Datasheet
263Kb / 8P
PHASE CONTROL THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com