Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

45MQ30B Datasheet(PDF) 1 Page - Mercury United Electronics Inc

Part # 45MQ30B
Description  Thin and light weight; excellent shock and vibration resistance
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERCURY [Mercury United Electronics Inc]
Direct Link  http://www.mercuryunited.com
Logo MERCURY - Mercury United Electronics Inc

45MQ30B Datasheet(HTML) 1 Page - Mercury United Electronics Inc

  45MQ30B Datasheet HTML 1Page - Mercury United Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mercury www .mercury-crystal.com
Taiwan : (886)-2-2406-2779 / sales-tw@mercury-crystal.com ■U.S.A: (1)-909-466-0427 / sales-us@mercury-crystal.com ■China : (86)-512-5763-8100 / sales-cn@mecxtal.com
Terminating Impdance
1200 Ω // 1.0 pF
[ Cc : 2.5 pF ]
Operating Temperature
- 20°C to 70°C
Storage Temperature
- 50°C to 100°C
Test Cycle
Outline Dimensions ( Unit : mm )
Ripple
1.0 dB ( max.)
Insertion Loss
3.0 dB ( max.)
Guaranteed Attenuation
80 dB ( min.) [ -910 ± 10 kHz ]
Mode of Oscillation
Fundamental Mode
Pass Band Width
± 15 KHz ( min.) [ at -3 dB ]
Stop Band Width
± 40 KHz ( max.) [ at -30 dB ]
Crystal Cut ( No. of poles )
AT-Cut , 4 poles
Features
Thin and light weight; excellent shock and vibration resistance
Suitable for automatic pick and place; Solder reflow capable
Specifically designed for mobile, wireless communications,pagers, cellular and cordless phones.
General Specifications
Paramenters
Electrical Spec.
Center Frequency
45.000 MHz
M. C. F. [ Monolithic Crystal Filters ]
45MQ30B
45.000 MHz
SMD 4 poles
7.0 x 5.0 x 1.3 mm


Similar Part No. - 45MQ30B

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
45MQ30A MERCURY-45MQ30A Datasheet
98Kb / 1P
Thin and light weight; excellent shock and vibration resistance
More results

Similar Description - 45MQ30B

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
45MQ30A MERCURY-45MQ30A Datasheet
98Kb / 1P
Thin and light weight; excellent shock and vibration resistance
logo
Golledge Electronics Lt...
MCSO2V GOLLEDGE-MCSO2V Datasheet
550Kb / 4P
Excellent shock & vibration resistance
MCSO6 GOLLEDGE-MCSO6 Datasheet
551Kb / 5P
Excellent shock & vibration resistance
MCSO6FV GOLLEDGE-MCSO6FV Datasheet
551Kb / 4P
Excellent shock & vibration resistance
MCSO6FW GOLLEDGE-MCSO6FW Datasheet
551Kb / 4P
Excellent shock & vibration resistance
MCSO6W GOLLEDGE-MCSO6W Datasheet
546Kb / 4P
Excellent shock & vibration resistance
MCSOFHV GOLLEDGE-MCSOFHV Datasheet
549Kb / 4P
Excellent shock & vibration resistance
MCSOFHW GOLLEDGE-MCSOFHW Datasheet
549Kb / 4P
Excellent shock & vibration resistance
MCSOHW GOLLEDGE-MCSOHW Datasheet
564Kb / 4P
Excellent shock & vibration resistance
MCSOV GOLLEDGE-MCSOV_18 Datasheet
567Kb / 4P
Excellent shock & vibration resistance
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com