Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1723 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN1723
Description  Designing with the L5973AD high efficiency DC-DC converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1723 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN1723 Datasheet HTML 16Page - STMicroelectronics AN1723 Datasheet HTML 17Page - STMicroelectronics AN1723 Datasheet HTML 18Page - STMicroelectronics AN1723 Datasheet HTML 19Page - STMicroelectronics AN1723 Datasheet HTML 20Page - STMicroelectronics AN1723 Datasheet HTML 21Page - STMicroelectronics AN1723 Datasheet HTML 22Page - STMicroelectronics AN1723 Datasheet HTML 23Page - STMicroelectronics AN1723 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AN1723
Application ideas
Doc ID 9553 Rev 4
21/24
slaves.The device can also be synchronized from an external source. In this case, the logic
signal must have a frequency higher than the internal switching frequency of the device (500
kHz).
Figure 22.
Synchronization example
7.5
Compensation network with MLCC (multiple layer ceramic
capacitor) at the output
MLCC with values in the range of 10 µF - 22 µF and rated voltages in the range of 10 V - 25
V are available today at relatively low cost from many manufacturers.
These capacitors have very low ESR values (a few m
Ω), so they are sometimes used for the
output filter to reduce the voltage ripple and the overall size of the application.
However, the very low ESR value affects the compensation of the loop (see Section 5) and
in order to keep the system stable, a more complicated compensation network may be
required. Figure 23 shows an example of a compensation network which stabilizes the
system using ceramic capacitors at the output (the optimum component values depend on
the application).
Figure 23.
MLCC compensation network example
AM11329v1
VCC
GND
OUT
FB
INH
SYNC
VREF
1
3
7
5
6
4
8
2
L5973AD
COMP
VCC
GND
OUT
FB
INH
SYNC
VREF
1
3
7
5
6
4
8
2
L5973AD
COMP
VIN
AM11330v1
L1
VIN=5V
C1
MLCC
10uF
D1
STPS340U
Vcc
COMP
GND
OUT
FB
INH
SYNC
VREF
1
3
7
5
6
4
8
2
R3=2.2K
4.7uH
Coilcraft
C4=4.7nF
C2
MLCC
22uF
6.3V
L5973AD
VOUT=2.1V
C5=2.7nF
R4=470
R1=3.3K
C3=220pF
R2=4K7
L1
VIN=5V
C1
MLCC
10uF
D1
STPS340U
Vcc
COMP
GND
OUT
FB
INH
SYNC
VREF
1
3
7
5
6
4
8
2
R3=2.2K
4.7uH
Coilcraft
C4=4.7nF
C2
MLCC
22uF
6.3V
L5973AD
VOUT=2.1V
C5=2.7nF
R4=470
R1=3.3K
C3=220pF
R2=4K7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com