Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1736 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1736
Description  This is an off-line wide range VIPer22A dual outputs power supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1736 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1736 Datasheet HTML 9Page - STMicroelectronics AN1736 Datasheet HTML 10Page - STMicroelectronics AN1736 Datasheet HTML 11Page - STMicroelectronics AN1736 Datasheet HTML 12Page - STMicroelectronics AN1736 Datasheet HTML 13Page - STMicroelectronics AN1736 Datasheet HTML 14Page - STMicroelectronics AN1736 Datasheet HTML 15Page - STMicroelectronics AN1736 Datasheet HTML 16Page - STMicroelectronics AN1736 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AN1736
Blue Angel
13/20
9
Blue Angel
The reference board meets the Blue Angel Norm, consuming less than 1W total when
working in stand-by mode. The board operates in burst mode when both the output loads
are reduced to zero and the output voltages still remain regulated.
9.1
Stand-by input power
At the input voltage of 120Vac, a minimum load of 100mA is needed to keep the total input
power consumption to be less than 1W.
Table 1.
Input power in no load condition at different input voltage
Input Voltage
Input Wattage at No Load
115Vac
210.38mW
230Vac
331.85mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com