Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6207 Datasheet(PDF) 49 Page - STMicroelectronics

Part # L6207
Description  APPLICATION NOTE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6207 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L6207 Datasheet HTML 45Page - STMicroelectronics L6207 Datasheet HTML 46Page - STMicroelectronics L6207 Datasheet HTML 47Page - STMicroelectronics L6207 Datasheet HTML 48Page - STMicroelectronics L6207 Datasheet HTML 49Page - STMicroelectronics L6207 Datasheet HTML 50Page - STMicroelectronics L6207 Datasheet HTML 51Page - STMicroelectronics L6207 Datasheet HTML 52Page - STMicroelectronics L6207 Datasheet HTML 53Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
49/53
AN1762 APPLICATION NOTE
5.5 EVAL6207N
An evaluation board has been produced to help the evaluation of the device in PowerDIP package. It imple-
ments a typical application with several added components. Figure 53 shows the electrical schematic of the
board; in the table below the part list is reported.
CN1, CN2, CN3, CN4 2-poles connector
JP1
3-pin jumper
CN5
34-poles connector
JP2, JP32-pin jumper
C1
220nF/100V Ceramic or Polyester capacitor R1
100
resistor
C2
220nF/100V Ceramic or Polyester capacitor R2
3.17k
0.6W resistor
C3
100µF/63V capacitor
R3, R4
4.7k
resistor
C4
10nF/100V Ceramic capacitor
R5, R16
20k
resistor
C5
10µF/16V Capacitor
R6, R7
100k
trimmer
C6, C7
100nF Capacitor
R8, R17
2.2k
0.4W resistor
C8, C9
68nF Capacitor
R9 to R14
1
Ω 0.4Ω resistor
C10, C11
820pF Capacitor
R18, R15
5k
trimmer
D1, D2
1N4148 Diode
U1
L6205N
D3
BZX79C5V1 5.1V Zener Diode
U2
L6506
The Evaluation Board provides external connectors for the supply voltage, an external 5V reference for the logic
inputs, four outputs for the motor and a 34-pin connector to control the main functions of the board through an
external µC board or the PractiSPIN tool.
The PractiSPIN tool is composed of a graphic interface software running on a PC that connects with the hard-
ware based on the ST7 µC, which contains an upgradeable firmware. This tool allows a fast and easy evaluation
of the PowerSPIN family devices, giving the ability of driving DC, BLDC and Stepper motors, depending on the
target device. The PractiSPIN connected to the EVAL6207N can drive DC motors and inductive loads, allowing
output voltage and current settings
The PC-software also provides a Power Dissipation and Thermal Analysis section, intended to help a fast eval-
uation of the device, package and dissipating copper area required by the user’s application, and to be a good
starting point designing an application (from the power dissipation and thermal point of view).
Running the evaluation board in stand-alone mode, instead, R15 and R18 set the reference voltage separately
for the two bridges, while R8, C8 and R17, C9 are low-pass filters to provide an external reference voltage by
a PWM output of a µC (see also the Microstepping section). Using external VREF inputs R5, R15, R16, R18
should be disconnected, unless the PractiSPIN ST7 evaluation board is used. This board, in fact, is provided
with an offset cancellation circuitry trimmable through a potentiometer (see PractiSPIN documentation).
R6, C10 and R7, C11 are used to set the off-time of the two channels of the IC.
Closing JP2 and JP3 is recommended for safe Over Current Protection.
The 5V voltage for logic inputs and for references (VrefA and VrefB) is obtained from R2, D3. Depending on the
supply voltage, the value of resistor R2 should be changed in order to ensure a correct biasing of D3.
The jumper JP1 allows choosing the 5V voltage from the internal zener diode network or pin 11 of CN5 (for ex-
ample an external µC board can provide 5V to the evaluation board). Also CN2 connector can be used to pro-
vide an external 5V voltage to the board (in that case R2, D3 should be disconnected). CN2, or pin 1 of CN5,
can also be used to provide a 5V voltage to external circuits (as, for example, the PractiSPIN ST7 board). In this
case the current that can be drawn form the board depends on the supply voltage and on R2 value.
Figure 54 to Figure 56 show the component placement and the two layers layout of the L6207N Evaluation
Board. A large GND area has been used, to guarantee minimal noise and good power dissipation for the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com