Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1842 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1842
Description  60W WIDE-RANGE POWER SUPPLY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1842 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1842 Datasheet HTML 9Page - STMicroelectronics AN1842 Datasheet HTML 10Page - STMicroelectronics AN1842 Datasheet HTML 11Page - STMicroelectronics AN1842 Datasheet HTML 12Page - STMicroelectronics AN1842 Datasheet HTML 13Page - STMicroelectronics AN1842 Datasheet HTML 14Page - STMicroelectronics AN1842 Datasheet HTML 15Page - STMicroelectronics AN1842 Datasheet HTML 16Page - STMicroelectronics AN1842 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13/17
AN1842 APPLICATION NOTE
Board lay-out
Figure 26. Board silk-screen and bottom plane (not in scale)
Original size: 89x180mm
Copper thickness: 70
µm
Material: CEM-1
Conclusions
An SMPS for LCD monitors or LCD-TV sets has been completely designed, assembled and tested using
the L5991. All the different aspects (Component Electrical Stress, Functions, Protections, Conducted
EMI, Thermal Stress) have been checked, giving positive results. The design meets also low-cost and low-
complexity requirements, key factors in the Consumer Electronic market.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com