Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1894 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1894
Description  BUCK-BOOST CONVERTER REFERENCE BOARD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1894 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1894 Datasheet HTML 6Page - STMicroelectronics AN1894 Datasheet HTML 7Page - STMicroelectronics AN1894 Datasheet HTML 8Page - STMicroelectronics AN1894 Datasheet HTML 9Page - STMicroelectronics AN1894 Datasheet HTML 10Page - STMicroelectronics AN1894 Datasheet HTML 11Page - STMicroelectronics AN1894 Datasheet HTML 12Page - STMicroelectronics AN1894 Datasheet HTML 13Page - STMicroelectronics AN1894 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13/14
AN1894 - APPLICATION NOTE
Following pictures starting from Figure 27 to Figure 34 show the most important voltage or current
waveforms at different input and output conditions. The channel 1 (pink) is the power MOSFET Source
terminal voltage of the VIPer12. The channel 4 (red) shows the inductor current. The purpose of those
pictures is to demonstrate the skipping cycle function at light or no-load condition and cycle-by-cycle
primary current limitation at overload or output shorted condition.
Figure 27: Vin= 127VDC, Iout= 100mA
Figure 28: Vin= 127VDC, Iout= 50mA
Figure 29: Vin= 373VDC, Iout= 100mA
Figure 30: Vin= 373VDC, Iout= 50mA
Figure 31: Vin= 373VDC, no-load
Figure 32: Vin= 127VDC, no-load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com