Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1934 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN1934
Description  This circuit can be used to produce multiple outputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1934 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN1934 Datasheet HTML 17Page - STMicroelectronics AN1934 Datasheet HTML 18Page - STMicroelectronics AN1934 Datasheet HTML 19Page - STMicroelectronics AN1934 Datasheet HTML 20Page - STMicroelectronics AN1934 Datasheet HTML 21Page - STMicroelectronics AN1934 Datasheet HTML 22Page - STMicroelectronics AN1934 Datasheet HTML 23Page - STMicroelectronics AN1934 Datasheet HTML 24Page - STMicroelectronics AN1934 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
DocID10353 Rev 2
21/32
AN1934
Circuit description
32
1.2
Non-isolated flyback + 5 V/250 mA, + 15 V/200 mA (variant 2)
1.2.1
Circuit operation (variant 2)
The total schematic of the power supply can be seen in Figure 32. Compared to variant 1,
this variant is different, specially the feedback loop. Instead of 5 V output, the 15 V output is
regulated by a simple circuit consisting of a Zener diode D8 and a resistor R11. Since 5 V
output is not well-stabilized by the feedback loop, a linear regulator U3 is used. The linear
regulator requires some input-to-output voltage difference to assure a minimum dropout
voltage. For this reason the number of turns of the secondary windings is slightly different
compared to variant 1.
Figure 33. Schematic diagram of non-isolated flyback converter (variant 2)
1.3
Non-isolated flyback +15 V/200 mA, +5 V/60 mA (variant 3)
Table 5. Operating conditions (variant 2)
Parameter
Value
Input voltage range
90-264 VAC
Input voltage frequency range
50/60 Hz
Main output (regulated)
15V / 200 mA
Second output
5V / 250 mA
Total maximum output power
4.25 W
Table 6. Operating conditions (variant 3)
Parameter
Value
Input voltage range
90 to 264 VAC
Input voltage frequency range
50/60 Hz
Main output (regulated)
15V/200 mA
Second output
5 V/20 mA or 60 mA
Total maximum output power
4.25 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com