Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1948 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN1948
Description  DVD combo power supply with the VIPer53-E
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1948 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN1948 Datasheet HTML 15Page - STMicroelectronics AN1948 Datasheet HTML 16Page - STMicroelectronics AN1948 Datasheet HTML 17Page - STMicroelectronics AN1948 Datasheet HTML 18Page - STMicroelectronics AN1948 Datasheet HTML 19Page - STMicroelectronics AN1948 Datasheet HTML 20Page - STMicroelectronics AN1948 Datasheet HTML 21Page - STMicroelectronics AN1948 Datasheet HTML 22Page - STMicroelectronics AN1948 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
DocID10413 Rev 2
21/23
AN1948
DVD combo power supply
23
Figure 31. Transformer specifications
Table 5. Number of turns
Number of turns:
Auxiliary
66 turns
Added auxiliary
66 turns
3.3 V
4 turns
5 V power
6 turns
12 V
13 turns
- 25 V
27 turns
- 4.2 V / 4.2 V
5 turns
5 V standby
28 turns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com