Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2093 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2093
Description  BUCK CONVERTERS FOR HDD POWER SUPPLIES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2093 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2093 Datasheet HTML 1Page - STMicroelectronics AN2093 Datasheet HTML 2Page - STMicroelectronics AN2093 Datasheet HTML 3Page - STMicroelectronics AN2093 Datasheet HTML 4Page - STMicroelectronics AN2093 Datasheet HTML 5Page - STMicroelectronics AN2093 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AN2093 - APPLICATION NOTE
3/6
Table 1: Suggested Components
Even if we suggest a particular brand, the device is stable with all the other brands in the market.
Figure 3: Board Layout
Due to the high switching frequency and peak current, it is important to optimize the application
environment reducing the length of the PCB traces and placing all the external component near the
device.
Figure 3 shows the recommended board layout.
It is very important to connect the two input pins 4mm far from the device, it avoids noise inside the control
circuit, coming from the power switch. A great importance has the ground metal. It is mandatory to start all
the GND patterns from the same point, in this case we can avoid the noise due to the drop on the power
GND metal.
The minimum input capacitor is 4.7µF ceramic X7R or X5R, this value can be increased without any
limitation.
The minimum suggested output capacitor is 22µF X7R or X5R. It is possible to obtain the minimum output
capacitor value connecting several capacitors in parallel, in this case the ESR is minimized and the output
ripple is reduced. Even if the device has excellent dynamic performances it is possible to improve the load
transient just increasing the output capacitor value.
Material
Brand
P/N
C1
4.7µF
Ceramic
TDK
C3216 X7R 1C475K
C2
22µF
Ceramic
TDK
C3225 X7R 1C 226M
L1
3.3µH
TDK
RLF7030T-3R3M4R1
D
-
-
ST
STPS2L30A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com