Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2300 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2300
Description  An alternative solution to Capacitive power
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2300 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2300 Datasheet HTML 9Page - STMicroelectronics AN2300 Datasheet HTML 10Page - STMicroelectronics AN2300 Datasheet HTML 11Page - STMicroelectronics AN2300 Datasheet HTML 12Page - STMicroelectronics AN2300 Datasheet HTML 13Page - STMicroelectronics AN2300 Datasheet HTML 14Page - STMicroelectronics AN2300 Datasheet HTML 15Page - STMicroelectronics AN2300 Datasheet HTML 16Page - STMicroelectronics AN2300 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AN2300
Modified Buck converter
Rev1
13/21
2.3
Higher output power
Higher output power levels could be required in some applications. Typical values are 50mA
on the 12V output and 100mA on the -5V output, as listed in Table 5.
The proposed Buck converters can provide such current values adjusting the value of the
bleeder resistor, R1. In fact, in order to maintain the regulation when out1 is in open load
condition, (2) has to be verified:
Since Iout2 = 100mA, we can set VR1/R1 = 120mA, resulting in:
VR1/R1≈12/R1=120mA, therefore R1=100Ω for schematic A (see Figure 7.);
VR1/R1≈7/R1=120mA, therefore R1 = 56Ω for schematic B (see Figure 8. ).
Thus, the R1 value is lower than in the previous case. Of course, this results in higher power
dissipation across the bleeder.
In Table 6. the part list of the modified components is given.
Figure 18. Buck converter: conducted
emission @ 230VAC, full load: Phase
Figure 19. Buck converter: conducted
emission @ 230VAC, full load:
Neutral
Table 5.
Higher output power requirements
AC input voltage VIN
185
÷265VAC
Outputs
Vout1=12V; Iout1=50mA
Vout2=-5V; Iout2=100mA
Total output power
1.1W
V
R1
R1
----------
I
ou t2
I
Dz2
+
>
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com