Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2331 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2331
Description  This note describes the performances
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2331 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2331 Datasheet HTML 16Page - STMicroelectronics AN2331 Datasheet HTML 17Page - STMicroelectronics AN2331 Datasheet HTML 18Page - STMicroelectronics AN2331 Datasheet HTML 19Page - STMicroelectronics AN2331 Datasheet HTML 20Page - STMicroelectronics AN2331 Datasheet HTML 21Page - STMicroelectronics AN2331 Datasheet HTML 22Page - STMicroelectronics AN2331 Datasheet HTML 23Page - STMicroelectronics AN2331 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AN2331
Resonant trafo specification
21/24
7
Resonant trafo specification
●
Application type: Consumer, Home Appliance
●
Transformer type: Open
●
Coil former: Horizontal type, 7+7 pins, 2 Slots
●
Max. temp. rise: 45°C
●
Max. operating ambient temp.: 60°C
●
Mains insulation: Compliance with EN60065 specifications
●
Finishing: Varnished
7.1
Resonant trafo electrical characteristics
●
Converter topology: half-bridge, resonant
●
Core type: EF32 - PC40 or equivalent
●
Typical operating frequency: 100 kHz
●
Primary inductance: 810
µH ±10% @1kHz - 0.25V (see Note 1)
●
Leakage inductance: 200
µH ±10% @1kHz - 0.25V (see Note 1 and Note 2)
Note:
1
Measured between pins 1-4.
2
Measured between pins 1-4 with a secondary winding shorted.
Figure 14.
Electrical diagram and winding characteristics
Table 7.
Winding characteristics
Pins
Winding
RMS current
Number of turns
Wire type
2 - 4
PRIMARY
1 ARMS
60
φ0.40mm-TIW
14 - 13
SEC. A (1)
1.
Secondary windings A and B must be wound in parallel
4 ARMS
7
φ0.1x60 - G2
12 - 11
SEC. B (2)
2.
Auxiliary winding is wound on top of primary winding
4 ARMS
7
φ0.1x60 - G2
5-6
AUX (2)
0.05 ARMS
4 SPACED
φ0.40mm-TIW
14
SEC. A
11
12
13
SEC. B
2
4
5
6
PRIM.
AUX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com