Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2370 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2370
Description  800 mA standalone linear Li-Ion
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2370 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2370 Datasheet HTML 6Page - STMicroelectronics AN2370 Datasheet HTML 7Page - STMicroelectronics AN2370 Datasheet HTML 8Page - STMicroelectronics AN2370 Datasheet HTML 9Page - STMicroelectronics AN2370 Datasheet HTML 10Page - STMicroelectronics AN2370 Datasheet HTML 11Page - STMicroelectronics AN2370 Datasheet HTML 12Page - STMicroelectronics AN2370 Datasheet HTML 13Page - STMicroelectronics AN2370 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
AN2370
Programming charge current
13/14
9
Programming charge current
The charge current is programmed using a single resistor from the PROG pin to ground.
The battery charge current is 1000 times the current out of the PROG pin. The program
resistor value is calculated using the following equation:
Equation 8
The charge current out of the BAT pin can be determined at any time by monitoring the
PROG pin voltage using the following equation:
Equation 9
10
Revision history
R
PROG
1000
1.00 V
I
BAT
----------------
•
=
I
BAT
V
PROG
R
PROG
-------------------
1000
•
=
Table 3.
Document revision history
Date
Revision
Changes
3-Aug-2006
1
Initial release
07-Sep-2006
2
Minor text changes
19-Sep-2006
3
Table 2 changed
05-Oct-2007
4
Changed Figure 1, Figure 3, Figure 4 and Figure 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com