Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC558 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # BC558
Description  EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BC558 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  BC558 Datasheet HTML 1Page - KEC(Korea Electronics) BC558 Datasheet HTML 2Page - KEC(Korea Electronics) BC558 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1998. 10. 8
2/3
BC556/7/8
Revision No : 3
ELECTRICAL CHARACTERISTICS (Ta=25
)
NOTE : According to the value of hFE the BC546, BC547, BC548 are classified as follows.
CLASSIFICATION
none
A
B
C
hFE
BC556
110
450
110
220
200
450
-
BC557
110
800
110
220
200
450
420
800
BC558
110
800
110
220
200
450
420
800
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-30V, IE=0
-
-
-15
nA
DC Current Gain (Note)
BC556
hFE
VCE=-5V, IC=-2mA
110
-
450
BC557
110
-
800
BC558
110
-
800
Collector-Emitter
Saturation Voltage
BC556
VCE(sat)
IC=-100mA, IB=-5mA
-
-
-0.65
V
BC557
-
-
-0.65
BC558
-
-
-0.65
Base-Emitter
Saturation Voltage
BC556
VBE(sat)
IC=-100mA, IC=-5mA
-
-0.9
-1.1
V
BC557
-
-0.9
-1.1
BC558
-
-0.9
-1.1
Base-Emitter Voltage
VBE(ON) 1
VCE=-5V, IC=-2mA
-0.6
-
-0.75
V
VBE(ON) 2
VCE=-5V, IC=-10mA
-
-
-0.8
V
Transition Frequency
fT
VCE=-5V, IC=-10mA, f=100MHz
-
150
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, f=1MHz, IE=0
-
4.5
-
pF
Noise Figure
BC556
NF
VCE=-6V, IC=-0.1mA
Rg=10k , f=1kHz
-
1.0
10
dB
BC557
-
1.0
10
BC558
-
1.0
10



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com