Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC560 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # BC560
Description  EPITAXIAL PLANAR PNP TRANSISTOR (LOW NOISE)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BC560 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  BC560 Datasheet HTML 1Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1999. 11. 30
1/1
SEMICONDUCTOR
TECHNICAL DATA
BC559/560
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 2
LOW NOISE APPLICATION.
FEATURE
・For Complementary with NPN Type BC549/550.
MAXIMUM RATING (Ta=25
℃)
TO-92
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
K
L
4.70 MAX
4.80 MAX
3.70 MAX
0.45
1.00
1.27
0.85
0.45
14.00 0.50
0.55 MAX
2.30
D
1
2
3
B
K
G
H
F
F
E
C
E
N
0.45 MAX
M
1.00
N
1. COLLECTOR
2. BASE
3. EMITTER
+
_
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
BC559
VCBO
-30
V
BC560
-50
Collector-Emitter Voltage
BC559
VCEO
-30
V
BC560
-45
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-100
mA
Collector Power Dissipation
PC
625
mW
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55
~150
℃
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector-Emitter
Breakdown Voltage
BC559
V(BR)CEO
IC=-10mA, IB=0
-30
-
-
V
BC560
-45
-
-
Collector-Base
Breakdown Voltage
BC559
V(BR)CBO
IC=-10μ
A, IE=0
-30
-
-
V
BC560
-50
-
-
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=-10μ
A, IC=0
-5.0
-
-
V
Collector Cut-off Current
ICBO
VCB=-30V, IE=0
-
-
-15
nA
DC Current Gain
hFE
IC=-2mA, VCE=-5V
110
-
800
Base-Emitter Voltage
VBE(ON)
IC=-2mA, VCE=-5V
-0.55
-
-0.7
V
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-100mA, IB=-5mA
-
-
-0.6
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=-100mA, IB=-5mA
-
-0.9
-
V
Transition Frequency
fT
IC=-10mA, VCE=-5V, f=100MHz
-
300
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
-
7.0
pF
Noise Figure
NF
IC=-200μ
A, VCE=-5V
Rg=10k
Ω, f=1kHz
-
-
4.0
dB
Note : hFE Classification
A:110
~220, B:200~450, C:420~800


Similar Part No. - BC560

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC560 SIEMENS-BC560 Datasheet
213Kb / 6P
PNP SILICON TRANSISTORS
logo
Micro Electronics
BC560 MICRO-ELECTRONICS-BC560 Datasheet
286Kb / 4P
PNP SILICON AF SMALL SIGNAL TRANSISTOR
logo
Fairchild Semiconductor
BC560 FAIRCHILD-BC560 Datasheet
43Kb / 4P
Switching and Amplifier
logo
SEMTECH ELECTRONICS LTD...
BC560 SEMTECH_ELEC-BC560 Datasheet
139Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
KEC(Korea Electronics)
BC560 KEC-BC560 Datasheet
34Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR
More results

Similar Description - BC560

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
BC307 KEC-BC307 Datasheet
144Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, LOW NOISE AMPLIFIER)
KTA1266L KEC-KTA1266L Datasheet
128Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (LOW NOISE AMPLIFIER)
KTA1267L KEC-KTA1267L Datasheet
308Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (LOW NOISE AMPLIFIER)
KTA1268 KEC-KTA1268 Datasheet
413Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (LOW NOISE AMPLIFIER, HIGH VOLTAGE)
KTA1517 KEC-KTA1517 Datasheet
529Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (LOW NOISE AMPLIFIER)
KTA2017 KEC-KTA2017 Datasheet
231Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (LOW NOISE AMPLIFIER)
logo
Micro Electronics
BC200 MICRO-ELECTRONICS-BC200 Datasheet
120Kb / 2P
MINIATURE PNP AF LOW NOISE SILICON PLANAR EPITAXIAL TRANSISTOR
BC261 MICRO-ELECTRONICS-BC261 Datasheet
94Kb / 2P
PNP HIGH GAIN LOW NOISE SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Cystech Electonics Corp...
BTB1197N3 CYSTEKEC-BTB1197N3 Datasheet
268Kb / 5P
Low Saturation PNP Epitaxial Planar Transistor
BTB1205I3 CYSTEKEC-BTB1205I3_09 Datasheet
227Kb / 6P
Low Vcesat PNP Epitaxial Planar Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com