Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32002M Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N32002M
Description  Duplex Multimode 62.5-125 Fiber Patch Cable (LC-LC), 2M (6-ft.)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N32002M Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N32002M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N32002M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Duplex Multimode 62.5/125 Fiber Patch Cable
(LC/LC), 2M (6-ft.)
MODEL NUMBER: N320-02M
Description
Tripp Lite's 2-meter multimode duplex micron fiber optic LC/LC patch cable is manufactured from 62.5/125
zipcord fiber. The cable has LC connectors on each end, a PVC jacket and is FDDI and OFNR rated. Duplex
multimode fiber is most commonly used in LAN applications.
Features
Manufactured from 62.5/125 duplex (zipcord) fiber
PVC jacket
Length: 2 meters Connectors: LC connector on each end
Insertion loss testing performed on every connector (0.2db typical) and provided with cable
Beveled edge on ends of glass makes insertion of plug a breeze
Fiber made from glass (not a polymer)
Duplex multimode fiber is most commonly used in LAN applications where links are typically 10 feet or less
Fiber optic distributed data interface (FDDI) rated
OFNR (riser rated)
Specifications
OVERVIEW
Fiber Type
62.5/125 - OM1
Cable Type
Multimode
INPUT
Cable Length (ft.)
7
Highlights
Manufactured from 62.5/125
duplex (Zipcord) fiber
Length: 2 meter Connectors: LC
connector on each end
Insertion loss testing performed
on every connector (0.2dB typical)
Duplex multimode fiber is most
commonly used in LAN
applications where links are
typically 10 feet or less
Fiber Optic Distributed Data
Interface (FDDI) Rated
System Requirements
Any fiber optic hardware or NIC
card requiring multimode duplex
cable with LC connectors
Package Includes
2M Duplex MMF Cable LC/LC
62.5/125 Micron Fiber
1 / 2


Similar Part No. - N32002M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N32002MRD TRIPPLITE-N32002MRD Datasheet
479Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable (LC-LC) - Red, 2M (6-ft.)
More results

Similar Description - N32002M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N31802M TRIPPLITE-N31802M Datasheet
476Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable (LC-ST), 2M (6-ft.)
N32002MRD TRIPPLITE-N32002MRD Datasheet
479Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable (LC-LC) - Red, 2M (6-ft.)
N52002M TRIPPLITE-N52002M Datasheet
494Kb / 2P
Duplex Multimode 50-125 Fiber Patch Cable (LC-LC), 2M (6-ft.)
N314-02M TRIPPLITE-N314-02M Datasheet
157Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (MTRJ/LC), 2M (6-ft.)
N316-02M TRIPPLITE-N316-02M Datasheet
156Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/SC), 2M (6-ft.)
N318-02M TRIPPLITE-N318-02M Datasheet
167Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/ST), 2M (6-ft.)
N320-02M TRIPPLITE-N320-02M Datasheet
165Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 2M (6-ft.)
N320-02M-RD TRIPPLITE-N320-02M-RD Datasheet
158Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC) - Red, 2M (6-ft.)
N320-03M TRIPPLITE-N320-03M Datasheet
167Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 3M (10-ft.)
N520-02M TRIPPLITE-N520-02M Datasheet
167Kb / 3P
Duplex Multimode 50/125 Fiber Patch Cable (LC/LC), 2M (6-ft.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com