Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32007M Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N32007M
Description  Duplex Multimode 62.5-125 Fiber Patch Cable (LC-LC), 7M (23-ft.)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N32007M Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N32007M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N32007M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Duplex Multimode 62.5/125 Fiber Patch Cable
(LC/LC), 7M (23-ft.)
MODEL NUMBER: N320-07M
Description
Tripp Lite's 7-meter multimode duplex micron fiber optic LC/LC patch cable is manufactured from 62.5/125
zipcord fiber. The cable has LC connectors on each end, a PVC jacket and is FDDI and OFNR rated. Duplex
multimode fiber is most commonly used in LAN applications where links are 10-ft. or less.
Features
Manufactured from 62.5/125 duplex (zipcord) fiber
PVC jacket
Length: 7-meters/Connectors: 2 LC connectors on each end
Insertion loss testing performed on every connector (0.2db typical) and provided with cable
Beveled edge on ends of glass makes insertion of plug a breeze
Fiber made from glass (not a polymer)
Duplex multimode fiber is most commonly used in LAN applications where links are 10 feet or less
Fiber optic distributed data interface (FDDI) rated
OFNR (riser rated)
Specifications
OVERVIEW
Fiber Type
62.5/125 - OM1
Cable Type
Multimode
INPUT
Cable Length (ft.)
23
Highlights
Manufactured from 62.5/125
duplex (Zipcord) fiber
Length: 7-meters / Connectors: 2
LC connectors on each end
Insertion loss testing performed
on every connector (0.2dB typical)
Duplex multimode fiber is most
commonly used in LAN
applications where links are 10
feet or less
Fiber Optic Distributed Data
Interface (FDDI) Rated
System Requirements
Any fiber optic hardware or NIC
card requiring multimode duplex
cable with LC connectors
Package Includes
7-meter Duplex MMF LC/LC
62.5/125 Micron Fiber Cable
1 / 2


Similar Part No. - N32007M

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
N32007R1DN NUVOTON-N32007R1DN Datasheet
1Mb / 47P
ARM926-based Media Processor
N32007R1DN NUVOTON-N32007R1DN Datasheet
1Mb / 34P
ARM926EJ-S Based Media Processor with Video Decode Accelerator
N32007R2DN NUVOTON-N32007R2DN Datasheet
1Mb / 47P
ARM926-based Media Processor
N32007R2DN NUVOTON-N32007R2DN Datasheet
1Mb / 34P
ARM926EJ-S Based Media Processor with Video Decode Accelerator
N32007R3DN NUVOTON-N32007R3DN Datasheet
1Mb / 47P
ARM926-based Media Processor
More results

Similar Description - N32007M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N51607M TRIPPLITE-N51607M Datasheet
486Kb / 2P
Duplex Multimode 50-125 Fiber Patch Cable (LC-SC), 7M (23-ft.)
N52007M TRIPPLITE-N52007M Datasheet
494Kb / 3P
Duplex Multimode 50-125 Fiber Patch Cable (LC-LC), 7M (23-ft.)
N316-07M TRIPPLITE-N316-07M Datasheet
156Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/SC), 7M (23-ft.)
N318-07M TRIPPLITE-N318-07M Datasheet
167Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/ST), 7M (23-ft.)
N320-02M TRIPPLITE-N320-02M Datasheet
165Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 2M (6-ft.)
N320-03M TRIPPLITE-N320-03M Datasheet
167Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 3M (10-ft.)
N320-05M TRIPPLITE-N320-05M Datasheet
165Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 5M (16-ft.)
N320-07M TRIPPLITE-N320-07M Datasheet
166Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 7M (23-ft.)
N516-07M TRIPPLITE-N516-07M Datasheet
156Kb / 2P
Duplex Multimode 50/125 Fiber Patch Cable (LC/SC), 7M (23-ft.)
N520-07M TRIPPLITE-N520-07M Datasheet
166Kb / 3P
Duplex Multimode 50/125 Fiber Patch Cable (LC/LC), 7M (23-ft.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com