Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC807 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # BC807
Description  EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BC807 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  BC807 Datasheet HTML 1Page - KEC(Korea Electronics) BC807 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2009. 2. 19
2/2
BC807
Revision No : 5
0
10
-1000
-300
COLLECTOR CURRENT I
(mA)
C
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
h
- I
-1
-0.2
BASE-EMITTER VOLTAGE V
(V)
BE
V
- I
C
COLLECTOR CURRENT I
(mA)
-300
-1000
-0.01
-1
-2
-3
-4
-5
-6
-200
-400
-600
-800
-1000
I
- V
CBE
-0.4
-0.6
-0.8
-1.0
-3
-10
-30
-100
-300
-1000
COMMON EMITTER
V
=1V
CE
FE
C
-100
-30
-10
30
100
300
1000
50
500
COMMON EMITTER
V
=-1V
CE
CE(sat)
C
-100
-30
-10
-0.03
-0.1
-0.3
-1
-3
COMMON EMITTER
I /I =25
C B
CE
V
=-5V
COMMON EMITTER
500
100
30
-10
-30
-100
10
-1000
-300
-3
-1
COLLECTOR CURRENT I
(mA)
C
C
T
f
- I
300
COMMON EMITTER
Ta=25 C
Ta=25 C
Ta=100 C
Ta=25 C
Ta=-25 C
-5
-6
-7
-8
-4
-3
-2
0
I =-1mA
B
Ta=25 C
Ta=-25 C
Ta=100 C
0
AMBIENT TEMPERATURE Ta ( C)
C
P
- Ta
25
50
75
100
125
150
175
0
100
300
500
200
400



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com