Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847 Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # BC847
Description  EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BC847 Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  BC847 Datasheet HTML 1Page - KEC(Korea Electronics) BC847 Datasheet HTML 2Page - KEC(Korea Electronics) BC847 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2009. 6. 22
3/3
BC846/7/8
Revision No : 4
0
0.1
0.2
BASE-EMITTER VOLTAGE V
(V)
BE
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
I
- V
COLLECTOR-BASE VOLTAGE V
(V)
10
1
13
20
CB
10
30
C
- V
COLLECTOR CURRENT I
(mA)
13
10
30
C
h
- I
4
8
12
16
20
20
40
60
80
100
I
=400
µA
B
I
=350
µA
B
I
=50
µA
B
I
=100
µA
B
I
=150
µA
B
I
=200
µA
B
I
=250
µA
B
I
=300
µA
B
CBE
0.4
0.6
0.8
1.0
0.3
0.5
1
3
5
10
30
50
100
V
=5V
CE
FE
C
100
300
1k
10
30
50
100
300
500
1k
10
COLLECTOR CURRENT I
(mA)
1
0.01
0.03
0.1
3300
30
100
C
1K
0.3
1
V
, V
- I
BE(sat)
C
CE(sat)
3
10
I
/I =20
C
B
VBE(sat)
VCE(sat)
ob
CB
100
3
5
f=1MHz
I
=0
E
V
=5V
CE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com