Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC848 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # BC848
Description  EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BC848 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  BC848 Datasheet HTML 1Page - KEC(Korea Electronics) BC848 Datasheet HTML 2Page - KEC(Korea Electronics) BC848 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2009. 6. 22
2/3
BC846/7/8
Revision No : 4
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
NOTE : According to the value of hFE the BC846, BC847, BC848 are classified as follows.
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=30V, IE=0
-
-
15
nA
DC Current Gain (Note)
BC846
hFE
VCE=5V, IC=2mA
110
-
450
BC847
110
-
800
BC848
110
-
800
Collector-Emitter Saturation Voltage
VCE(sat) 1
IC=10mA, IB=0.5mA
-
0.09
0.25
V
VCE(sat) 2
IC=100mA, IB=5mA
-
0.2
0.6
Base-Emitter Saturation Voltage
VBE(sat) 1
IC=10mA, IB=0.5mA
-
0.7
-
V
VBE(sat) 2
IC=100mA, IB=5mA
-
0.9
-
Base-Emitter Voltage
VBE(ON1)
VCE=5V, IC=2mA
0.58
-
0.7
V
VBE(ON2)
VCE=5V, IC=10mA
-
-
0.75
V
Transition Frequency
fT
VCE=5V, IC=10mA, f=100MHz
-
300
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
2.5
4.5
pF
Noise Figure
NF
VCE=6V, IC=0.1mA
Rg=10kΩ, f=1kHz
-
1.0
10
dB
CLASSIFICATION
A
B
C
hFE
BC846
110
~220
200
~450
-
BC847
110
~220
200
~450
420
~800
BC848
110
~220
200
~450
420
~800



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com